Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RCP-1600 Datasheet(PDF) 4 Page - Mean Well Enterprises Co., Ltd.

Part No. RCP-1600
Description  1600W Rack Mountable Front End Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MEANWELL [Mean Well Enterprises Co., Ltd.]
Homepage  http://www.meanwell.com
Logo 

RCP-1600 Datasheet(HTML) 4 Page - Mean Well Enterprises Co., Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Function Manual
※ In addition to the adjustment via the built-in potentiometer, the output voltage can be trimmed to 40~125% of the nominal voltage by applying
EXTERNAL VOLTAGE.
2. Output Voltage Programming (or, PV / remote voltage programming / remote adjust / margin programming / dynamic voltage trim)
EXTERNAL VOLTAGE (DC)
※ The Remote Sense compensates voltage drop on the load wiring up to 0.5V
1.1 Remote Sense
1.2 Local Sense
※ The +S,-S have to be connected to the +V(signal),-V(signal), respectively, as the following diagram, in order to get the correct output voltage if Remote
Sense is not used.
1. Voltage Drop Compensation
Sense lines should be twisted in pairs to minimize noise pick-up.
L
L
O
O
A
A
D
D
-V
-V
+V
+V
PIN31 -S
PIN31 -S
PIN28 +V(signal) PIN30 +S
PIN29 -V(signal)
PIN27 PV
PIN30 +S
PIN29 -V(signal)
The +S signal should be connected to the positive terminal of the load whereas -S signal to the negative terminal.
60
80
100
125
V
100
40
60
80
20
OUTPUT VOLTAGE (%)
40
40
60
EXTERNAL VOLTAGE (DC)
100
125
Vout
0.4
0
1
4.7
5
V
Non-Linear
12V
Others
1600W Rack Mountable Front End Rectifier
RCP-1600 series
File Name:RCP-1600-SPEC 2017-09-12
◎ The rated current should change with the Output Voltage Programming accordingly.
For Remote Sense / Local Sense, please refer to “Voltage Drop Compensation” section.


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn