Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RCP-1600 Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part No. RCP-1600
Description  1600W Rack Mountable Front End Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MEANWELL [Mean Well Enterprises Co., Ltd.]
Homepage  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

RCP-1600 Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  RCP-1600 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. RCP-1600 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. RCP-1600 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. RCP-1600 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. RCP-1600 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. RCP-1600 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PFC fosc : 90KHz
PWM fosc : 70KHz
AMBIENT TEMPERATURE (
)
230VAC
Input only
-30
-25
0
-10
15
30
50
60
70
20
40
60
50
80
100
(HORIZONTAL)
INPUT VOLTAGE (VAC) 60Hz
90
100
115
180
264
80
90
100
70
60
50
40
30
Derating Curve
Static Characteristics
Derating Loads vs Input Voltage
81
82
83
84
85
86
87
88
89
90
91
92
93
94
10% 20% 30% 40% 50% 60% 70% 80% 90% 100%
Efficiency vs Load (48V Model)
LOAD
The curve above is measured at 230VAC.
1600W Rack Mountable Front End Rectifier
RCP-1600 series
File Name:RCP-1600-SPEC 2017-09-12
Block Diagram
MODEL
INPUT
12V
1500W
1200W
1050W
900W
1608W
1286.4W
1125.6W
964.8W
1608W
1286.4W
1125.6W
964.8W
125A
100A
87.5A
75A
67A
53.6A
46.9A
40.2A
33.5A
26.8A
23.45A
20.1A
180~264VAC
115VAC
100VAC
90VAC
24V
48V
LIMITING
ACTIVE
CURRENT
INRUSH
CONTROL
I/P
RECTIFIERS
&
FILTER
SWITCHING
POWER
RECTIFIERS
FILTER
EMI
PWM
CIRCUIT
DETECTION
POWER
AUX
&
PFC
FILTER
&
12V/0.8A
AUX POWER
PFC
CONTROL
5V/0.3A
MCU
DETECTION
CIRCUIT
O.V.P.
MCU
O.T.P.
DA/DB
PV/PC
DC-OK
AC-OK
SDA/SCL
(CANH/CANL)
T-Alarm
Remote ON-OFF
FAN
+V
RECTIFIERS
ORING
FET
-V
ORING FET
CONTROL
TRANSCEIVERS
DATA
ISOLATION
+S
-S


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn