Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN29F002T-55JI Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EN29F002T-55JI
Description  2 Megabit (256K x 8-bit) Flash Memory
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EN29F002T-55JI Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EN29F002T-55JI Datasheet HTML 1Page - List of Unclassifed Manufacturers EN29F002T-55JI Datasheet HTML 2Page - List of Unclassifed Manufacturers EN29F002T-55JI Datasheet HTML 3Page - List of Unclassifed Manufacturers EN29F002T-55JI Datasheet HTML 4Page - List of Unclassifed Manufacturers EN29F002T-55JI Datasheet HTML 5Page - List of Unclassifed Manufacturers EN29F002T-55JI Datasheet HTML 6Page - List of Unclassifed Manufacturers EN29F002T-55JI Datasheet HTML 7Page - List of Unclassifed Manufacturers EN29F002T-55JI Datasheet HTML 8Page - List of Unclassifed Manufacturers EN29F002T-55JI Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
4800 Great America Parkway, Suite 202
Tel: 408-235-8680
Santa Clara, CA 95054
Fax: 408-235-8685
1
EN29F002 / EN29F002N
Rev. C, Issue Date: 2001/07/05
FEATURES
• 5.0V ± 10% for both read/write operation
• Read Access Time
- 45ns, 55ns, 70ns, and 90ns
• Fast Read Access Time
- 70ns with Cload = 100pF
- 45ns, 55ns with Cload = 30pF
• Sector Architecture:
One 16K byte Boot Sector, Two 8K byte
Parameter Sectors, one 32K byte and
three 64K byte main Sectors
• Boot Block Top/Bottom Programming
Architecture
• High performance program/erase speed
- Byte program time: 10µs typical
- Sector erase time: 500ms typical
- Chip erase time: 3.5s typical
• Low Standby Current
- 1µA CMOS standby current-typical
- 1mA TTL standby current
• Low Power Active Current
- 30mA active read current
- 30mA program / erase current
• JEDEC Standard program and erase
commands
• JEDEC standard DATA polling and toggle
bits feature
• Hardware RESET Pin (n/a for EN29F002N)
• Single Sector and Chip Erase
• Sector Protection / Temporary Sector
Unprotect (RESET = VID)
• Sector Unprotect Mode
• Embedded Erase and Program Algorithms
• Erase Suspend / Resume modes:
Read and program another sector during
Erase Suspend Mode
• 0.4 µm double-metal double-poly
triple-well CMOS Flash Technology
• Low Vcc write inhibit < 3.2V
• 100K endurance cycle
• Package Options
- 32-pin PDIP
- 32-pin PLCC
- 32-pin TSOP (Type 1)
• Commercial and Industrial Temperature
Ranges
GENERAL DESCRIPTION
The EN29F002 / EN29F002N is a 2-Megabit, electrically erasable, read/write non-volatile flash memory.
Organized into 256K words with 8 bits per word, the 2M of memory is arranged in seven sectors (with
top/bottom configuration), including one 16K Byte Boot Sector, two 8K Byte Parameter sectors, and four main
sectors (one 32K Byte and three 64K Byte). Any byte can be programmed typically at 10µs. The EN29F002 /
EN29F002N features 5.0V voltage read and write operation. The access times are as fast as 45ns to eliminate
the need for WAIT states in high-performance microprocessor systems.
The EN29F002 / EN29F002N has separate Output Enable ( OE ), Chip Enable ( CE ), and Write
Enable ( WE ) controls which eliminate bus contention issues.
This device is designed to allow
either single sector or full chip erase operation, where each sector can be individually protected
against program/erase operations or temporarily unprotected to erase or program. The device can
sustain
a
minimum
of
100K
program/erase
cycles
on
each
sector.
EN29F002 / EN29F002N
2 Megabit (256K x 8-bit) Flash Memory


Similar Part No. - EN29F002T-55JI

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29F002A EON-EN29F002A Datasheet
431Kb / 35P
   2 Megabit (256K x 8-bit) Flash Memory
EN29F002AB-45JC EON-EN29F002AB-45JC Datasheet
431Kb / 35P
   2 Megabit (256K x 8-bit) Flash Memory
EN29F002AB-45JCP EON-EN29F002AB-45JCP Datasheet
431Kb / 35P
   2 Megabit (256K x 8-bit) Flash Memory
EN29F002AB-45JI EON-EN29F002AB-45JI Datasheet
431Kb / 35P
   2 Megabit (256K x 8-bit) Flash Memory
EN29F002AB-45JIP EON-EN29F002AB-45JIP Datasheet
431Kb / 35P
   2 Megabit (256K x 8-bit) Flash Memory
More results

Similar Description - EN29F002T-55JI

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29F002A EON-EN29F002A Datasheet
431Kb / 35P
   2 Megabit (256K x 8-bit) Flash Memory
logo
ATMEL Corporation
AT29C020 ATMEL-AT29C020 Datasheet
426Kb / 17P
   2-megabit (256K x 8) 5-volt Only Flash Memory
logo
Hynix Semiconductor
HY29F002T HYNIX-HY29F002T Datasheet
381Kb / 38P
   2 Megabit (256K x 8), 5 Volt-only, Flash Memory
logo
ATMEL Corporation
AT29LV020 ATMEL-AT29LV020_08 Datasheet
387Kb / 16P
   2-megabit (256K x 8) 3-volt Only Flash Memory
AT49F002 ATMEL-AT49F002 Datasheet
182Kb / 16P
   2-Megabit 256K x 8 5-volt Only Flash Memory
AT49F002 ATMEL-AT49F002 Datasheet
213Kb / 20P
   2-megabit (256K x 8) 5-volt Only Flash Memory
AT29LV020 ATMEL-AT29LV020 Datasheet
486Kb / 10P
   2 Megabit 256K x 8 3-volt Only CMOS Flash Memory
AT29C020 ATMEL-AT29C020 Datasheet
257Kb / 11P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49F020 ATMEL-AT49F020 Datasheet
84Kb / 10P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
logo
PMC-Sierra, Inc
PM29F002 PMC-PM29F002 Datasheet
148Kb / 21P
   2 Megabit (256K X 8) 5.0 Volt-only CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com