Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA16142FP Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HA16142FP
Description  PFC and PWM Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA16142FP Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HA16142FP Datasheet HTML 6Page - Renesas Technology Corp HA16142FP Datasheet HTML 7Page - Renesas Technology Corp HA16142FP Datasheet HTML 8Page - Renesas Technology Corp HA16142FP Datasheet HTML 9Page - Renesas Technology Corp HA16142FP Datasheet HTML 10Page - Renesas Technology Corp HA16142FP Datasheet HTML 11Page - Renesas Technology Corp HA16142FP Datasheet HTML 12Page - Renesas Technology Corp HA16142FP Datasheet HTML 13Page - Renesas Technology Corp HA16142FP Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
HA16141P/FP, HA16142P/FP
Rev.4, Sep. 2001, page 8 of 8
Electrical Characteristics (cont.)
(Ta = 25
°C, V
CC = 14 V)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Threshold voltage
for PFC stop
Vlch-pfc
2.4
2.5
2.6
V
Input pin: TIM
Threshold Voltage
for PWM stop
Vlch-sys
3.8
4.0
4.2
V
Input pin: TIM
Latch
Latch Reset Voltage
Vcc-res
6.1
7.1
8.1
V
Feedback V
CC voltage
Vfb-pwm
14.2
14.8
15.4
V
PWM-EO = 2.5V *
2
Open loop gain
Av-pwm
45
dB
*
1, *2
High voltage
Veoh-pwm
5.1
5.7
6.3
V
V
CC = 14V,
PWM-EO: Open
Low voltage
Veol-pwm
0.1
0.3
V
V
CC = 16V,
PWM-EO: Open *
2
Source current
Isrc-pwm
−77
µA
*
1
V
CC = 11V
Sink current
Isnk-pwm
77
µA
*
1
V
CC = 18V *
2
PWM-VAMP
Transconductance
respect to V
CC
Gm-pwm
19
27
35
µA/V
V
CC = 15V,
PWM-EO = 2.5V *
2
PWM current
sense
Delay to output
td-cs
210
300
ns
PWM-EO = 5V,
PWM-CS = 0 to 2V
Threshold voltage
V
LM
−0.47
−0.50
−0.53
V
PFC current
limit
Delay to output
td-
LM
280
500
ns
PFC-CS = 0 to
−1V
Feedback voltage
Vfb-pfc
2.45
2.50
2.55
V
PFC-EO = 2.5V
Input bias current
Ifb-pfc
−0.30
−0.07
+0.30
µA
Measured pin: PFC-FB
Open loop gain
Av-pfc
65
dB
*
1
High voltage
Veoh-pfc
5.1
5.7
6.3
V
PFC-FB = 2.3V,
PFC-EO: Open
Low voltage
Veol-pfc
0.1
0.3
V
PFC-FB = 2.7V,
PFC-EO: Open
Source current
Isrc-pfc
−62
−77
−93
µA
PFC-FB = 1.0V,
PFC-EO = 2.5V
Sink current
Isnk-pfc
62
77
93
µA
PFC-FB = 4.0V,
PFC-EO = 2.5V
PFC-VAMP
Transconductance
Gm-pfcv
120
160
200
µA/V
PFC-FB = 2.5V,
PFC-EO = 2.5V
Note:
1. Design spec.
2. Apply to HA16141.


Similar Part No. - HA16142FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA16142FP RENESAS-HA16142FP Datasheet
363Kb / 18P
   PFC and PWM Controller
logo
Hitachi Semiconductor
HA16142FP HITACHI-HA16142FP Datasheet
239Kb / 18P
   PFC and PWM Controller
More results

Similar Description - HA16142FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA16141P RENESAS-HA16141P_05 Datasheet
363Kb / 18P
   PFC and PWM Controller
logo
Hitachi Semiconductor
HA16141P HITACHI-HA16141P Datasheet
239Kb / 18P
   PFC and PWM Controller
logo
Fairchild Semiconductor
FAN4800AU FAIRCHILD-FAN4800AU Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
AN-8027 FAIRCHILD-AN-8027 Datasheet
620Kb / 17P
   PFCPWM Combination Controller
FAN4800A FAIRCHILD-FAN4800A_09 Datasheet
647Kb / 24P
   PFC/PWM Controller Combination
FAN4803CP2 FAIRCHILD-FAN4803CP2 Datasheet
116Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CP1 FAIRCHILD-FAN4803CP1 Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4800AS FAIRCHILD-FAN4800AS Datasheet
583Kb / 19P
   PFC/PWM Controller Combination
FAN4800AUN FAIRCHILD-FAN4800AUN Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
ML4803 FAIRCHILD-ML4803 Datasheet
133Kb / 12P
   8-Pin PFC and PWM Controller Combo
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com