Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL54-A Datasheet(PDF) 2 Page - PACELEADER INDUSTRIAL

Part # SL54-A
Description  5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS-20V~40V
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

SL54-A Datasheet(HTML) 2 Page - PACELEADER INDUSTRIAL

  SL54-A Datasheet HTML 1Page - PACELEADER INDUSTRIAL SL54-A Datasheet HTML 2Page - PACELEADER INDUSTRIAL SL54-A Datasheet HTML 3Page - PACELEADER INDUSTRIAL SL54-A Datasheet HTML 4Page - PACELEADER INDUSTRIAL SL54-A Datasheet HTML 5Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RATING AND CHARACTERTIC CURVES S
PULSE WIDTH 8.3ms
SINGLE HALF-SINE-WAVE
(JEDEC METHOD)
FIG. 2 – MAXIMUM NON-REPETITIVE SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
200
150
100
50
0
100
50
20
10
1
2
5
FIG. 1 – FORWARD CURRENT DERATING CURVE
LEAD TEMPERATURE (℃)
2.0
0
25
4.0
6.0
50
75
100
125
150
175
1.0
3.0
5.0
FIG.4-TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
1.0
0.1
10
0.1 0.2
0.5
0.3
0.6
0.9
0.4
0.7 0.8
100
1.0
TJ = 25°C
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
FIG.2-TYPICAL REVER CHARACTERISTICS
40
60
80
100
120
140
20
0.01
0.1
20
1.0
0.001
0
10
TJ=75
TJ=100
TJ=25
FIG.3 – TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE ,VOLTS
0.1
4000
1000
100
1
10
100
TJ = 25°C f = 1 MHz
2
www.paceleader.tw
THRU


Similar Part No. - SL54-A

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SL54-3G DIOTEC-SL54-3G Datasheet
131Kb / 2P
   SMD Schottky Barrier Rectifier Diodes
More results

Similar Description - SL54-A

ManufacturerPart #DatasheetDescription
logo
Formosa MS
LFM220-L FORMOSA-LFM220-L Datasheet
163Kb / 7P
   2.0A Surface Mount Schottky Barrier Rectifiers-20V-40V
logo
Weitron Technology
SL22M WEITRON-SL22M Datasheet
97Kb / 3P
   2.0A Surface Mount Schottky Barrier Rectifiers - 20V-40V
logo
Formosa MS
SM5817 FORMOSA-SM5817_13 Datasheet
172Kb / 7P
   1.0A Surface Mount Schottky Barrier Rectifiers - 20V-40V
logo
First Silicon Co., Ltd
SL12 FS-SL12 Datasheet
136Kb / 3P
   VOLTAGE 20V ~ 40V 1.0AMP Surface Mount Schottky Barrier Rectifiers
logo
Formosa MS
SL32-AL FORMOSA-SL32-AL_13 Datasheet
166Kb / 7P
   3.0A Low VF Surface Mount Schottky Barrier Rectifiers-20V-40V
logo
SHIKUES Electronics
SKM32-AS SKTECHNOLGY-SKM32-AS Datasheet
744Kb / 3P
   3.0A Low VF Surface Mount Schottky Barrier Rectifiers - 20V-40V
logo
Chip Integration Techno...
SK52B CITC-SK52B Datasheet
460Kb / 3P
   5A Surface Mount Schottky Barrier Rectifiers
SK54MAFG CITC-SK54MAFG Datasheet
505Kb / 4P
   5A Surface Mount Schottky Barrier Rectifiers
logo
Frontier Electronics.
SK52 FRONTIER-SK52 Datasheet
124Kb / 2P
   5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS52B FRONTIER-SS52B Datasheet
124Kb / 2P
   5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com