Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF35 Datasheet(PDF) 2 Page - PACELEADER INDUSTRIAL

Part # SF35
Description  3.0 A SUPRE FAST RECTIFIER -50V~600V
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

SF35 Datasheet(HTML) 2 Page - PACELEADER INDUSTRIAL

  SF35 Datasheet HTML 1Page - PACELEADER INDUSTRIAL SF35 Datasheet HTML 2Page - PACELEADER INDUSTRIAL SF35 Datasheet HTML 3Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
8
2
www.paceleader.tw
THRU
3.0 A SUPRE FAST RECTIFIER -50V~600V


Similar Part No. - SF35

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SF35 MOSPEC-SF35 Datasheet
131Kb / 2P
   POWER RECTIFIERS(3.0A,50-400V)
logo
SAMYANG ELECTRONICS CO....
SF35 SAMYANG-SF35 Datasheet
445Kb / 2P
   SUPER FAST RECTIFIER
logo
EIC discrete Semiconduc...
SF35 EIC-SF35 Datasheet
40Kb / 2P
   SUPER FAST RECTIFIER DIODES
logo
Micro Commercial Compon...
SF35 MCC-SF35 Datasheet
155Kb / 3P
   3.0 Amp Super Fast Rectifier 50 to 600 Volts
logo
SUNMATE electronic Co.,...
SF35 SUNMATE-SF35 Datasheet
135Kb / 2P
   3.0A Axial Leaded Super Fast Rectifier Diodes
More results

Similar Description - SF35

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SF1005FCT FRONTIER-SF1005FCT Datasheet
1Mb / 2P
   10A SUPER FAST RECOVERY RECTIFIER 50V-600V
SF2005FCT FRONTIER-SF2005FCT Datasheet
1Mb / 2P
   20A SUPER FAST RECOVERY RECTIFIER 50V-600V
SF1605FCT FRONTIER-SF1605FCT Datasheet
1Mb / 2P
   16A SUPER FAST RECOVERY RECTIFIER 50V-600V
logo
Taiwan Semiconductor Co...
SF11G-K TSC-SF11G-K Datasheet
428Kb / 6P
   1A, 50V - 600V Glass Passivated Super Fast Rectifier
SF21G-T TSC-SF21G-T Datasheet
408Kb / 6P
   2A, 50V - 600V Glass Passivated Super Fast Rectifier
SF31G-A TSC-SF31G-A Datasheet
415Kb / 6P
   3A, 50V - 600V Glass Passivated Super Fast Rectifier
MUR305SH TSC-MUR305SH Datasheet
456Kb / 6P
   3A, 50V - 600V Ultra Fast Surface Mount Rectifier
ES2AAH TSC-ES2AAH Datasheet
568Kb / 6P
   2A, 50V - 600V Super Fast Surface Mount Rectifier
SFS1601GH TSC-SFS1601GH Datasheet
590Kb / 6P
   16A, 50V - 600V Super Fast Surface Mount Rectifier
logo
SeCoS Halbleitertechnol...
SFG20SD50F SECOS-SFG20SD50F Datasheet
300Kb / 2P
   Voltage 50V ~ 600V 20.0 Amp Super Fast Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com