Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE35591-12 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE35591-12
Description  2.92mm Male to 2.92mm Male Precision
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE35591-12 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE35591-12 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE35591-12 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE35591-12 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE35591-12 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
2.92mm Male to 2.92mm Male Precision Cable Using 095 Series Coax, RoHS
Configuration
Connector 1
2.92mm Male
Connector 2
2.92mm Male
Cable Type
095 Series
Electrical Specifications
Frequency Range, GHz
DC to 40
Impedance, Ohms
50
Maximum VSWR
1.4:1
Velocity of Propagation, %
69.5
RF Shielding, dB
90
Maximum Operating Voltage, Vrms
1,200
Typical Performance by Frequency
Frequency 1
Frequency, GHz
2
VSWR
1.05:1
Insertion Loss
0.3 dB/ft [ 0.98 dB/m ]
Frequency 2
Frequency, GHz
8
VSWR
1.1:1
Insertion Loss
0.58 dB/ft [ 1.9 dB/m ]
Frequency 3
Frequency, GHz
16
VSWR
1.1:1
Insertion Loss
1 dB/ft [ 3.28 dB/m ]
Frequency 4
Frequency, GHz
24
VSWR
1.2:1
Insertion Loss
1.3 dB/ft [ 4.27 dB/m ]
Frequency 5
Frequency, GHz
32
VSWR
1.22:1
Insertion Loss
1.8 dB/ft [ 5.91 dB/m ]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2.92mm Male to 2.92mm Male Precision Cable Using 095 Series Coax, RoHS PE35591
PE35591 REV
PE35591
2.92mm Male to 2.92mm Male Precision
Cable Using 095 Series Coax, RoHS


Similar Part No. - PE35591-12

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE35591-12 PASTERNACK-PE35591-12 Datasheet
235Kb / 4P
   2.92mm Male to 2.92mm Male Precision Cable 12 Inch Length Using 095 Series Coax, RoHS
More results

Similar Description - PE35591-12

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9436 PASTERNACK-PE9436 Datasheet
247Kb / 3P
   Precision 2.92mm Male to 2.92mm Male Adapter
PE9645 PASTERNACK-PE9645 Datasheet
255Kb / 3P
   Precision 2.92mm Male to 2.92mm Male Right Angle Adapter
PE9437 PASTERNACK-PE9437 Datasheet
239Kb / 3P
   Precision 2.92mm Male to 2.92mm Female Adapter
PE9657 PASTERNACK-PE9657 Datasheet
237Kb / 2P
   Precision 3.5mm Male to 2.92mm Male Adapter
PE9661 PASTERNACK-PE9661 Datasheet
251Kb / 2P
   Precision 2.92mm Male to N Male Adapter
PE91010 PASTERNACK-PE91010 Datasheet
245Kb / 3P
   Precision SMA Male to 2.92mm Male Adapter
PE9457 PASTERNACK-PE9457 Datasheet
247Kb / 3P
   Precision 2.92mm Male to 2.4mm Male Adapter
PE9767 PASTERNACK-PE9767 Datasheet
255Kb / 3P
   Precision 2.92mm Male to SSMA Male Adapter
PE35606-48 PASTERNACK-PE35606-48 Datasheet
223Kb / 3P
   2.92mm Male to 2.4mm Male Precision Cable
PE9644 PASTERNACK-PE9644 Datasheet
249Kb / 3P
   Precision 2.92mm Male to 2.92mm Female Right Angle Adapter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com