Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD7278BUJZ-500RL7 Datasheet(PDF) 12 Page - Analog Devices

Part No. AD7278BUJZ-500RL7
Description  3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD7278BUJZ-500RL7 Datasheet(HTML) 12 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
AD7276/AD7277/AD7278
Data Sheet
Rev. D | Page 12 of 28
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
VDD 1
GND
2
VIN 3
CS
6
SCLK
4
SDATA
5
AD7276/
AD7277/
AD7278
TOP VIEW
(Not to Scale)
Figure 8. 6-Lead TSOT Pin Configuration
VDD 1
SDATA 2
CS
3
NC
4
VIN
8
GND
7
SCLK
6
NC
5
NC = NO CONNECT
AD7276/
AD7277/
AD7278
TOP VIEW
(Not to Scale)
Figure 9. 8-Lead MSOP Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Description
6-Lead TSOT
8-Lead MSOP
1
1
VDD
Power Supply Input. The VDD range for the AD7276/AD7277/AD7278 is 2.35 V to 3.6 V.
2
7
GND
Analog Ground. Ground reference point for all circuitry on the
AD7276/AD7277/AD7278. All analog input signals should be referred to this GND
voltage.
3
8
VIN
Analog Input. Single-ended analog input channel. The input range is 0 V to VDD.
4
6
SCLK
Serial Clock. Logic input. SCLK provides the serial clock for accessing data from the
part. This clock input is also used as the clock source for the conversion process of the
AD7276/AD7277/AD7278.
5
2
SDATA
Data Out. Logic output. The conversion result from the AD7276/AD7277/AD7278 is
provided on this output as a serial data stream. The bits are clocked out on the falling
edge of the SCLK input. The data stream from the AD7276 consists of two leading
zeros followed by 12 bits of conversion data and two trailing zeros, provided MSB first.
The data stream from the AD7277 consists of two leading zeros followed by 10 bits of
conversion data and four trailing zeros, provided MSB first. The data stream from the
AD7278 consists of two leading zeros followed by 8 bits of conversion data and six
trailing zeros, provided MSB first.
6
3
CS
Chip Select. Active low logic input. This input provides the dual function of initiating
conversion on the AD7276/AD7277/AD7278 and framing the serial data transfer.
4, 5
NC
No Connect.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn