Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD7278BUJZ-500RL7 Datasheet(PDF) 1 Page - Analog Devices

Part No. AD7278BUJZ-500RL7
Description  3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7278BUJZ-500RL7 Datasheet(HTML) 1 Page - Analog Devices

  AD7278BUJZ-500RL7 Datasheet HTML 1Page - Analog Devices AD7278BUJZ-500RL7 Datasheet HTML 2Page - Analog Devices AD7278BUJZ-500RL7 Datasheet HTML 3Page - Analog Devices AD7278BUJZ-500RL7 Datasheet HTML 4Page - Analog Devices AD7278BUJZ-500RL7 Datasheet HTML 5Page - Analog Devices AD7278BUJZ-500RL7 Datasheet HTML 6Page - Analog Devices AD7278BUJZ-500RL7 Datasheet HTML 7Page - Analog Devices AD7278BUJZ-500RL7 Datasheet HTML 8Page - Analog Devices AD7278BUJZ-500RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
Data Sheet
AD7276/AD7277/AD7278
Rev. D
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2005–2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Throughput rate: 3 MSPS
Specified for V
DD of 2.35 V to 3.6 V
Power consumption
12.6 mW at 3 MSPS with 3 V supplies
Wide input bandwidth
70 dB SNR at 1 MHz input frequency
Flexible power/serial clock speed management
No pipeline delays
High speed serial interface
SPI-/QSPI™-/MICROWIRE™-/DSP compatible
Temperature range: −40°C to +125°C
Power-down mode: 0.1 µA typical
6-lead TSOT package
8-lead MSOP package
AD7476 and AD7476A pin compatible
GENERAL DESCRIPTION
The AD7276/AD7277/AD7278 are 12-/10-/8-bit, high speed,
low power, successive approximation analog-to-digital converters
(ADCs), respectively. The parts operate from a single 2.35 V
to 3.6 V power supply and feature throughput rates of up to
3 MSPS. The parts contain a low noise, wide bandwidth track-
and-hold amplifier that can handle input frequencies in excess
of 55 MHz.
The conversion process and data acquisition are controlled
using CS and the serial clock, allowing the devices to interface
with microprocessors or DSPs. The input signal is sampled on
the falling edge of CS, and the conversion is initiated at this
point. There are no pipeline delays associated with the part.
The AD7276/AD7277/AD7278 use advanced design techniques
to achieve very low power dissipation at high throughput rates.
The reference for the part is taken internally from VDD. This
allows the widest dynamic input range to the ADC; therefore,
the analog input range for the part is 0 to VDD. The conversion
rate is determined by the SCLK.
FUNCTIONAL BLOCK DIAGRAM
T/H
CONTROL
LOGIC
12-/10-/8-BIT
SUCCESSIVE
APPROXIMATION
ADC
GND
VDD
AD7276/
AD7277/
AD7278
VIN
SCLK
SDATA
CS
Figure 1.
Table 1.
Part Number
Resolution
Package
AD7276
12
8-Lead MSOP
6-Lead TSOT
AD7277
10
8-Lead MSOP
6-Lead TSOT
AD7278
8
8-Lead MSOP
6-Lead TSOT
AD72741
12
8-Lead MSOP
8-Lead TSOT
AD72731
10
8-Lead MSOP
8-Lead TSOT
1 Part contains external reference pin.
PRODUCT HIGHLIGHTS
1. 3 MSPS ADCs in a 6-lead TSOT package.
2. AD7476/AD7477/AD7478 and AD7476A/AD7477A/
AD7478A pin compatible.
3. High throughput with low power consumption.
4. Flexible power/serial clock speed management. This allows
maximum power efficiency at low throughput rates.
5. Reference derived from the power supply.
6. No pipeline delay. The parts feature a standard successive
approximation ADC with accurate control of the sampling
instant via a CS input and once-off conversion control.


Similar Part No. - AD7278BUJZ-500RL7

ManufacturerPart No.DatasheetDescription
Analog Devices
Analog Devices
AD7278BUJZ-500RL7 AD-AD7278BUJZ-500RL7 Datasheet
501Kb / 28P
   3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
REV. C
AD7278BUJZ-500RL7 AD-AD7278BUJZ-500RL7 Datasheet
717Kb / 29P
   3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
More results

Similar Description - AD7278BUJZ-500RL7

ManufacturerPart No.DatasheetDescription
Analog Devices
Analog Devices
AD7276 AD-AD7276 Datasheet
501Kb / 28P
   3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
REV. C
AD7278 AD-AD7278_15 Datasheet
717Kb / 29P
   3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
AD7277 AD-AD7277_15 Datasheet
717Kb / 29P
   3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
AD7276 AD-AD7276_15 Datasheet
717Kb / 29P
   3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
AD7273BRMZ AD-AD7273BRMZ Datasheet
549Kb / 29P
   3 MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. 0
AD7274 AD-AD7274_15 Datasheet
605Kb / 29P
   3 MSPS,10-/12-Bit ADCs in 8-Lead TSOT
AD7273BRMZ AD-AD7273BRMZ Datasheet
1Mb / 28P
   3 MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. 0
AD7274BRMZ AD-AD7274BRMZ Datasheet
1Mb / 28P
   3 MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. 0
AD7273 AD-AD7273_15 Datasheet
605Kb / 29P
   3 MSPS,10-/12-Bit ADCs in 8-Lead TSOT
AD7273 AD-AD7273 Datasheet
243Kb / 20P
   3MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. PrB (6/04)
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz