Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD7278BUJZ-500RL7 Datasheet(PDF) 4 Page - Analog Devices

Part No. AD7278BUJZ-500RL7
Description  3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7278BUJZ-500RL7 Datasheet(HTML) 4 Page - Analog Devices

  AD7278BUJZ-500RL7 Datasheet HTML 1Page - Analog Devices AD7278BUJZ-500RL7 Datasheet HTML 2Page - Analog Devices AD7278BUJZ-500RL7 Datasheet HTML 3Page - Analog Devices AD7278BUJZ-500RL7 Datasheet HTML 4Page - Analog Devices AD7278BUJZ-500RL7 Datasheet HTML 5Page - Analog Devices AD7278BUJZ-500RL7 Datasheet HTML 6Page - Analog Devices AD7278BUJZ-500RL7 Datasheet HTML 7Page - Analog Devices AD7278BUJZ-500RL7 Datasheet HTML 8Page - Analog Devices AD7278BUJZ-500RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AD7276/AD7277/AD7278
Data Sheet
Rev. D | Page 4 of 28
Parameter
A Grade2, 3
B, Y Grade2, 3
Unit
Test Conditions/Comments
CONVERSION RATE
Conversion Time
291
291
ns max
14 SCLK cycles with SCLK at 48 MHz, B Grade
875
875
ns max
14 SCLK cycles with SCLK at 16 MHz, Y Grade
Track-and-Hold Acquisition Time4
60
60
ns min
Throughput Rate
3
3
MSPS max
See the Serial Interface section
POWER REQUIREMENTS
V
DD
2.35/3.6
2.35/3.6
V min/max
I
DD
Digital I/Ps 0 V or V
DD
Normal Mode (Static)
1
1
mA typ
V
DD = 3.6 V, SCLK on or off
Normal Mode (Operational)
5.5
5.5
mA max
V
DD = 2.35 V to 3.6 V, fSAMPLE = 3 MSPS, B Grade
2.5
2.5
mA max
V
DD = 2.35 V to 3.6 V, fSAMPLE = 1 MSPS, Y Grade
4.2
4.2
mA typ
V
DD = 3 V, fSAMPLE = 3 MSPS, B Grade
1.6
1.6
mA typ
V
DD = 3 V, fSAMPLE = 1 MSPS, Y Grade
Partial Power-Down Mode (Static)
34
34
µA typ
Full Power-Down Mode (Static)
2
2
µA max
−40°C to +85°C, typically 0.1 µA
10
10
µA max
85°C to 125°C
Power Dissipation6
Normal Mode (Operational)
19.8
19.8
mW max
V
DD = 3.6 V, fSAMPLE = 3 MSPS, B Grade
9
9
mW max
V
DD = 3.6 V, fSAMPLE = 1 MSPS, Y Grade
12.6
12.6
mW typ
V
DD = 3 V, fSAMPLE = 3 MSPS, B Grade
4.8
4.8
mW typ
V
DD = 3 V, fSAMPLE = 1 MSPS, Y Grade
Partial Power-Down
102
102
µW typ
V
DD = 3 V
Full Power-Down
7.2
7.2
µW max
V
DD = 3.6 V, −40°C to +85°C
1 Y grade specifications are guaranteed by characterization.
2 Temperature range from −40°C to +125°C.
3 Typical specifications are tested with V
DD = 3 V and at 25°C.
4 See the Terminology section.
5 Guaranteed by characterization.
6 See the Power vs. Throughput Rate section.


Similar Part No. - AD7278BUJZ-500RL7

ManufacturerPart No.DatasheetDescription
Analog Devices
Analog Devices
AD7278BUJZ-500RL7 AD-AD7278BUJZ-500RL7 Datasheet
501Kb / 28P
   3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
REV. C
AD7278BUJZ-500RL7 AD-AD7278BUJZ-500RL7 Datasheet
717Kb / 29P
   3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
More results

Similar Description - AD7278BUJZ-500RL7

ManufacturerPart No.DatasheetDescription
Analog Devices
Analog Devices
AD7276 AD-AD7276 Datasheet
501Kb / 28P
   3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
REV. C
AD7278 AD-AD7278_15 Datasheet
717Kb / 29P
   3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
AD7277 AD-AD7277_15 Datasheet
717Kb / 29P
   3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
AD7276 AD-AD7276_15 Datasheet
717Kb / 29P
   3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
AD7273BRMZ AD-AD7273BRMZ Datasheet
549Kb / 29P
   3 MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. 0
AD7274 AD-AD7274_15 Datasheet
605Kb / 29P
   3 MSPS,10-/12-Bit ADCs in 8-Lead TSOT
AD7273BRMZ AD-AD7273BRMZ Datasheet
1Mb / 28P
   3 MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. 0
AD7274BRMZ AD-AD7274BRMZ Datasheet
1Mb / 28P
   3 MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. 0
AD7273 AD-AD7273_15 Datasheet
605Kb / 29P
   3 MSPS,10-/12-Bit ADCs in 8-Lead TSOT
AD7273 AD-AD7273 Datasheet
243Kb / 20P
   3MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. PrB (6/04)
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz