Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD7278BRMZ-REEL Datasheet(PDF) 11 Page - Analog Devices

Part No. AD7278BRMZ-REEL
Description  3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo AD - Analog Devices

AD7278BRMZ-REEL Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7278BRMZ-REEL Datasheet HTML 7Page - Analog Devices AD7278BRMZ-REEL Datasheet HTML 8Page - Analog Devices AD7278BRMZ-REEL Datasheet HTML 9Page - Analog Devices AD7278BRMZ-REEL Datasheet HTML 10Page - Analog Devices AD7278BRMZ-REEL Datasheet HTML 11Page - Analog Devices AD7278BRMZ-REEL Datasheet HTML 12Page - Analog Devices AD7278BRMZ-REEL Datasheet HTML 13Page - Analog Devices AD7278BRMZ-REEL Datasheet HTML 14Page - Analog Devices AD7278BRMZ-REEL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Data Sheet
AD7276/AD7277/AD7278
Rev. D | Page 11 of 28
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 6.
Parameters
Ratings
V
DD to GND
−0.3 V to +6 V
Analog Input Voltage to GND
−0.3 V to V
DD + 0.3 V
Digital Input Voltage to GND
−0.3 V to +6 V
Digital Output Voltage to GND
−0.3 V to V
DD + 0.3 V
Input Current to Any Pin Except Supplies1
±10 mA
Operating Temperature Range
Commercial (B grade)
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
6-Lead TSOT Package
θ
JA Thermal Impedance
230°C/W
θ
JC Thermal Impedance
92°C/W
8-Lead MSOP Package
θ
JA Thermal Impedance
205.9°C/W
θ
JC Thermal Impedance
43.74°C/W
Lead Temperature Soldering
Reflow (10 sec to 30 sec)
255°C
Lead Temperature Soldering
Reflow (10 sec to 30 sec)
260°C
ESD
1.5 kV
1 Transient currents of up to 100 mA cause SCR latch-up.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
ESD CAUTION


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn