Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD7278BRMZ-REEL Datasheet(PDF) 8 Page - Analog Devices

Part No. AD7278BRMZ-REEL
Description  3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo AD - Analog Devices

AD7278BRMZ-REEL Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7278BRMZ-REEL Datasheet HTML 4Page - Analog Devices AD7278BRMZ-REEL Datasheet HTML 5Page - Analog Devices AD7278BRMZ-REEL Datasheet HTML 6Page - Analog Devices AD7278BRMZ-REEL Datasheet HTML 7Page - Analog Devices AD7278BRMZ-REEL Datasheet HTML 8Page - Analog Devices AD7278BRMZ-REEL Datasheet HTML 9Page - Analog Devices AD7278BRMZ-REEL Datasheet HTML 10Page - Analog Devices AD7278BRMZ-REEL Datasheet HTML 11Page - Analog Devices AD7278BRMZ-REEL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD7276/AD7277/AD7278
Data Sheet
Rev. D | Page 8 of 28
Parameter
A Grade1, 2
B Grade1,2
Unit
Test Conditions/Comments
POWER REQUIREMENTS
V
DD
2.35/3.6
2.35/3.6
V min/max
I
DD
Digital I/Ps = 0 V or V
DD
Normal Mode (Static)
0.5
0.5
mA typ
V
DD = 3.6 V, SCLK on or off
Normal Mode (Operational)
5.5
5.5
mA max
V
DD = 2.35 V to 3.6 V, fSAMPLE = 3 MSPS
3.5
3.5
mA typ
V
DD = 3 V
Partial Power-Down Mode (Static)
34
34
µA typ
Full Power-Down Mode (Static)
2
2
µA max
−40°C to +85°C, typically 0.1 µA
10
10
µA max
+85°C to +125°C
Power Dissipation5
Normal Mode (Operational)
19.8
19.8
mW max
V
DD = 3.6 V, fSAMPLE = 3 MSPS
10.5
10.5
mW typ
V
DD = 3 V
Partial Power-Down
102
102
µW typ
V
DD = 3 V
Full Power-Down
7.2
7.2
µW max
V
DD = 3.6 V, −40°C to +85°C
1 Temperature range from −40°C to +125°C.
2 Typical specifications are tested with V
DD = 3 V and at 25°C.
3 See the Terminology section.
4 Guaranteed by characterization.
5 See the Power vs. Throughput Rate section.
TIMING SPECIFICATIONS—AD7276/AD7277/AD7278
VDD = 2.35 V to 3.6 V, TA = TMIN to TMAX, unless otherwise noted.1
Table 5.
Parameter2
Limit at T
MIN, TMAX
Unit
Description
f
SCLK
3
500
kHz min4
48
MHz max
B grade
16
MHz max
Y grade
t
CONVERT
14 × t
SCLK
AD7276
12 × t
SCLK
AD7277
10 × t
SCLK
AD7278
t
QUIET
4
ns min
Minimum quiet time required between the bus relinquish and the
start of the next conversion
t
1
3
ns min
Minimum CS pulse width
t
2
6
ns min
CS to SCLK setup time
t
3
5
4
ns max
Delay from CS until SDATA three-state disabled
t
4
5
15
ns max
Data access time after SCLK falling edge
t
5
0.4 t
SCLK
ns min
SCLK low pulse width
t
6
0.4 t
SCLK
ns min
SCLK high pulse width
t
7
5
5
ns min
SCLK to data valid hold time
t
8
14
ns max
SCLK falling edge to SDATA three-state
5
ns min
SCLK falling edge to SDATA three-state
t
9
4.2
ns max
CS rising edge to SDATA three-state
T
POWER-UP
6
1
µs max
Power-up time from full power-down
1 Sample tested during initial release to ensure compliance. All timing specifications given are with a 10 pF load capacitance. With a load capacitance greater than this
value, a digital buffer or latch must be used.
2 Guaranteed by characterization. All input signals are specified with tr = tf = 2 ns (10% to 90% of V
DD) and timed from a voltage level of 1.6 V.
3 Mark/space ratio for the SCLK input is 40/60 to 60/40.
4 Minimum f
SCLK at which specifications are guaranteed.
5 The time required for the output to cross the V
IH or VIL voltage.
6 See the Power-Up Times section.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn