Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD7278BRMZ-REEL Datasheet(PDF) 6 Page - Analog Devices

Part No. AD7278BRMZ-REEL
Description  3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD7278BRMZ-REEL Datasheet(HTML) 6 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
AD7276/AD7277/AD7278
Data Sheet
Rev. D | Page 6 of 28
Parameter
A Grade1, 2
B Grade1,2
Unit
Test Conditions/Comments
POWER REQUIREMENTS
V
DD
2.35/3.6
2.35/3.6
V min/max
I
DD
Digital I/Ps 0 V or V
DD
Normal Mode (Static)
0.6
0.6
mA typ
V
DD = 3.6 V, SCLK on or off
Normal Mode (Operational)
5.5
5.5
mA max
V
DD = 2.35 V to 3.6 V, fSAMPLE = 3 MSPS
3.5
3.5
mA typ
V
DD = 3 V
Partial Power-Down Mode (Static)
34
34
µA typ
Full Power-Down Mode (Static)
2
2
µA max
−40°C to +85°C, typically 0.1 µA
10
10
µA max
85°C to 125°C
Power Dissipation5
Normal Mode (Operational)
19.8
19.8
mW max
V
DD = 3.6 V, fSAMPLE = 3 MSPS
10.5
10.5
mW typ
V
DD = 3 V
Partial Power-Down
102
102
µW typ
V
DD = 3 V
Full Power-Down
7.2
7.2
µW max
V
DD = 3.6 V, −40°C to +85°C
1 Temperature range from −40°C to +125°C.
2 Typical specifications are tested with V
DD = 3 V and at 25°C.
3 See the Terminology section.
4 Guaranteed by characterization.
5 See the Power vs. Throughput Rate section.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn