Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD7278BRMZ Datasheet(PDF) 16 Page - Analog Devices

Part No. AD7278BRMZ
Description  3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD7278BRMZ Datasheet(HTML) 16 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
AD7276/AD7277/AD7278
Data Sheet
Rev. D | Page 16 of 28
THEORY OF OPERATION
CIRCUIT INFORMATION
The AD7276/AD7277/AD7278 are fast, micropower, 12-/10-/
8-bit, single-supply ADCs, respectively. The parts can be operated
from a 2.35 V to 3.6 V supply. When operated from a supply
voltage within this range, the AD7276/AD7277/AD7278 are
capable of throughput rates of 3 MSPS when provided with a
48 MHz clock.
The AD7276/AD7277/AD7278 provide the user with an on-
chip track-and-hold ADC and a serial interface housed in a tiny
6-lead TSOT or an 8-lead MSOP package, which offers the user
considerable space-saving advantages over alternative solutions.
The serial clock input accesses data from the part and provides
the clock source for the successive approximation ADC. The
analog input range is 0 V to VDD. An external reference is not
required for the ADC, and there is no reference on-chip. The
reference for the AD7276/AD7277/AD7278 is derived from the
power supply, resulting in the widest dynamic input range.
The AD7276/AD7277/AD7278 also feature a power-down
option to save power between conversions. The power-down
feature is implemented across the standard serial interface as
described in the Modes of Operation section.
CONVERTER OPERATION
The AD7276/AD7277/AD7278 are successive approximation
ADCs that are based on a charge redistribution DAC. Figure 19
and Figure 20 show simplified schematics of the ADC. Figure 19
shows the ADC during its acquisition phase, where SW2 is closed,
SW1 is in Position A, the comparator is held in a balanced con-
dition, and the sampling capacitor acquires the signal on VIN.
COMPARATOR
ACQUISITION
PHASE
VDD/2
SW2
VIN
SAMPLING
CAPACITOR
AGND
A
SW1
B
CHARGE
REDISTRIBUTION
DAC
CONTROL
LOGIC
Figure 19. ADC Acquisition Phase
When the ADC starts a conversion, SW2 opens and SW1 moves
to Position B, causing the comparator to become unbalanced
(see Figure 20). The control logic and the charge redistribution
DACs are used to add and subtract fixed amounts of charge
from the sampling capacitor to bring the comparator back into
a balanced condition. When the comparator is rebalanced, the
conversion is complete. The control logic generates the ADC
output code.
COMPARATOR
ACQUISITION
PHASE
VDD/2
SW2
VIN
SAMPLING
CAPACITOR
AGND
A
SW1
B
CHARGE
REDISTRIBUTION
DAC
CONTROL
LOGIC
Figure 20. ADC Conversion Phase
ADC TRANSFER FUNCTION
The output coding of the AD7276/AD7277/AD7278 is straight
binary. The designed code transitions occur midway between
successive integer LSB values, such as 0.5 LSB and 1.5 LSB. The
LSB size is VDD/4,096 for the AD7276, VDD/1,024 for the AD7277,
and VDD/256 for the AD7278. The ideal transfer characteristic
for the AD7276/AD7277/AD7278 is shown in Figure 21.
000...000
0V
ANALOG INPUT
111...111
000...001
111...000
011...111
111...110
000...010
1LSB = VREF/4096 (AD7276)
1LSB = VREF/1024 (AD7277)
1LSB = VREF/256 (AD7278)
+VDD – 1.5LSB
0.5LSB
Figure 21. AD7276/AD7277/AD7278 Transfer Characteristics
TYPICAL CONNECTION DIAGRAM
Figure 22 shows a typical connection diagram for the AD7276/
AD7277/AD7278. VREF is taken internally from VDD; therefore,
VDD should be decoupled. This provides an analog input range
of 0 V to VDD. The conversion result is output in a 16-bit word
with two leading zeros followed by the 12-bit, 10-bit, or 8-bit
result. The 12-bit result from the AD7276 is followed by two
trailing zeros; the 10-bit and 8-bit results from the AD7277 and
AD7278 are followed by four and six trailing zeros, respectively.
Alternatively, because the supply current required by the AD7276/
AD7277/AD7278 is so low, a precision reference can be used as
the supply source for the AD7276/AD7277/AD7278. A REF192
or REF193 voltage reference (REF193 for 3 V) can be used to
supply the required voltage to the ADC (see Figure 22). This
configuration is especially useful if the power supply is noisy or
the system supply voltage is a value other than 3 V (for example,
5 V or 15 V). The REF192 or REF193 outputs a steady voltage
to the AD7276/AD7277/AD7278. If the low dropout REF193 is
used, it must supply a current of typically 1 mA to the AD7276/
AD7277/AD7278. When the ADC is converting at a rate of
3 MSPS, the REF193 must supply a maximum of 5 mA to the
AD7276/AD7277/AD7278.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn