Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FS6011-02 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # FS6011-02
Description  DIGITAL AUDIO/VIDEO CLOCK GENERATOR IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FS6011-02 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button FS6011-02 Datasheet HTML 3Page - List of Unclassifed Manufacturers FS6011-02 Datasheet HTML 4Page - List of Unclassifed Manufacturers FS6011-02 Datasheet HTML 5Page - List of Unclassifed Manufacturers FS6011-02 Datasheet HTML 6Page - List of Unclassifed Manufacturers FS6011-02 Datasheet HTML 7Page - List of Unclassifed Manufacturers FS6011-02 Datasheet HTML 8Page - List of Unclassifed Manufacturers FS6011-02 Datasheet HTML 9Page - List of Unclassifed Manufacturers FS6011-02 Datasheet HTML 10Page - List of Unclassifed Manufacturers FS6011-02 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
XT
July 1998
7
7.20.98
)6
'LJLWDO $XGLR9LGHR &ORFN *HQHUDWRU ,&
,62
Table 11: DC Electrical Specifications
Unless otherwise stated, VDD = 5.0V ± 10%, no load on any output, and ambient temperature range TA = 0°C to 70°C. Parameters denoted with an asterisk ( * ) represent nominal characterization
data and are not production tested to any specific limits. Where given, MIN and MAX characterization data are
± 3σ from typical. Negative currents indicate current flows out of the device.
PARAMETER
SYMBOL
CONDITIONS/DESCRIPTION
MIN.
TYP.
MAX.
UNITS
Overall
Supply Current, Dynamic, with Loaded
Outputs
IDD
fCLK = 27MHz; CL
≈ 50pF
58
80
mA
Serial Communication Inputs (SCLK, SDATA, SLOAD)
High-Level Input Voltage
VIH
2.4
VDD+0.3
V
Low-Level Input Voltage
VIL
VSS-0.3
0.8
V
Hysteresis Voltage
Vhys
300
mV
Input Leakage Current
II
-1
1
µA
PCLK Select Inputs (PSEL0, PSEL1)
High-Level Input Voltage
VIH
2.4
VDD+0.3
V
Low-Level Input Voltage
VIL
VSS-0.3
0.8
V
High-Level Input Current (pull-down)
IIH
VIH = 5V
5
12.7
50
µA
Low-Level Input Current
IIL
-1
1
µA
Crystal Oscillator Feedback (XIN)
Threshold Bias Voltage *
VTH
0.5VDD
V
Input Leakage Current
II
-1
1
µA
Crystal Loading Capacitance *
CL(xtal)
As seen by an external crystal connected
to XIN and XOUT; VCXO tuning disabled
10
pF
Input Loading Capacitance *
CL(XIN)
As seen by an external clock driver on
XIN; XOUT unconnected; VCXO disabled
20
pF
Crystal Oscillator Drive (XOUT)
VO = 0V; D[13] = 0
-45
High-Level Output Source Current *
IOH
VO = 0V, V(XTUNE) = 5V; D[13] = 1
-52
mA
VO = 5V; D[13] = 0
53
Low-Level Output Sink Current *
IOL
VO = 5V, V(XTUNE) = 5V; D[13] = 1
63
mA
VCXO Tuning Input (XTUNE)
Input Leakage Current
II
-1
1
µA
Clock Outputs (ACLK, CLK27, PCLK, UCLK)
High-Level Output Source Current *
IOH
VO = 2.4V
-46
mA
Low-Level Output Sink Current *
IOL
VO = 0.4V
64
mA
zOH
VO = 0.5VDD; output driving high
53
Output Impedance *
zOL
VO = 0.5VDD; output driving low
57
Tristate Output Current
IOZ
-10
+10
µA
Short Circuit Source Current *
IOSH
VO = 0V; shorted for 30s, max.
-60
mA
Short Circuit Sink Current *
IOSL
VO = 5V; shorted for 30s, max.
65
mA


Similar Part No. - FS6011-02

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
FS60 XPPOWER-FS60 Datasheet
685Kb / 9P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Infineon Technologies A...
FS600R07A2E3 INFINEON-FS600R07A2E3 Datasheet
833Kb / 10P
   HybridPACK?? Modul mit Trench/Feldstopp IGBT3 und Emitter Controlled 3 Diode und NTC
2014-10-30 revision:3.2
logo
List of Unclassifed Man...
FS6050 ETC1-FS6050 Datasheet
386Kb / 19P
   LOW-SKEW CLOCK FANOUT BUFFER ICs
FS6051 ETC1-FS6051 Datasheet
386Kb / 19P
   LOW-SKEW CLOCK FANOUT BUFFER ICs
FS6053 ETC1-FS6053 Datasheet
386Kb / 19P
   LOW-SKEW CLOCK FANOUT BUFFER ICs
More results

Similar Description - FS6011-02

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2360FV ROHM-BU2360FV_15 Datasheet
1Mb / 22P
   Clock Generator for Audio/Video Equipment
BU2362FV ROHM-BU2362FV Datasheet
1Mb / 23P
   Clock Generator for Audio/Video Equipment
BU2363FV ROHM-BU2363FV_15 Datasheet
1Mb / 23P
   Clock Generator for Audio/Video Equipment
BU2280FV ROHM-BU2280FV_15 Datasheet
1Mb / 25P
   Clock Generator for Audio/Video Equipment
logo
Texas Instruments
LMH1983 TI1-LMH1983 Datasheet
2Mb / 55P
[Old version datasheet]   3G/HD/SD Video Clock Generator with Audio Clock
logo
Rohm
BU2285FV ROHM-BU2285FV_08 Datasheet
676Kb / 17P
   DVD-Audio Reference Clock Generator for Audio/Video Appliance
logo
PhaseLink Corporation
PLL601-26 PLL-PLL601-26 Datasheet
114Kb / 4P
   Audio Clock Generator
logo
Asahi Kasei Microsystem...
AK8128C AKM-AK8128C Datasheet
174Kb / 8P
   Audio Clock Generator
logo
List of Unclassifed Man...
BU2286FV ETC-BU2286FV Datasheet
50Kb / 2P
   Clock generator IC
FS6118 ETC-FS6118 Datasheet
87Kb / 4P
   CLOCK GENERATOR IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com