Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FS6011-02 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # FS6011-02
Description  DIGITAL AUDIO/VIDEO CLOCK GENERATOR IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FS6011-02 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  FS6011-02 Datasheet HTML 1Page - List of Unclassifed Manufacturers FS6011-02 Datasheet HTML 2Page - List of Unclassifed Manufacturers FS6011-02 Datasheet HTML 3Page - List of Unclassifed Manufacturers FS6011-02 Datasheet HTML 4Page - List of Unclassifed Manufacturers FS6011-02 Datasheet HTML 5Page - List of Unclassifed Manufacturers FS6011-02 Datasheet HTML 6Page - List of Unclassifed Manufacturers FS6011-02 Datasheet HTML 7Page - List of Unclassifed Manufacturers FS6011-02 Datasheet HTML 8Page - List of Unclassifed Manufacturers FS6011-02 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
XT
July 1998
3
7.20.98
)6
'LJLWDO $XGLR9LGHR &ORFN *HQHUDWRU ,&
,62
3.4
Voltage-Controlled Crystal
Oscillator (VCXO)
The VCXO provides a tunable, low-jitter frequency refer-
ence for the rest of the FS6011 system components.
Loading capacitance for the crystal is internal to the
FS6011. No external components (other than the reso-
nator itself) are required for operation of the VCXO.
The resonator loading capacitance is adjustable under
register control. This permits factory coarse tuning of in-
expensive resonators to the necessary precision for digi-
tal video applications. Refer to Section 4.6.
Continuous fine-tuning of the VCXO frequency is accom-
plished by varying the voltage on the XTUNE pin. The
total change (from one extreme to the other) in effective
loading capacitance is 1.5pF nominal.
The oscillator operates the crystal resonator in the paral-
lel-resonant mode. Crystal warping, or the “pulling” of the
crystal oscillation frequency, is accomplished by altering
the effective load capacitance presented to the crystal by
the oscillator circuit. The actual amount that changing the
load capacitance alters the oscillator frequency will be
dependent on the characteristics of the crystal as well as
the oscillator circuit itself.
Specifically, the motional capacitance of the crystal (usu-
ally referred to by crystal manufacturers as C1), the static
capacitance of the crystal (C0), and the load capacitance
(CL) of the oscillator determine the warping capability of
the crystal in the oscillator circuit.
A simple formula to obtain the warping capability of a
crystal oscillator is:
()
() (
)
C
C
C
C
C
C
C
ppm
f
L
L
L
L
1
0
2
0
6
1
2
1
2
10
)
(
+
×
+
×
×
×
=
where CL1 and CL2 are the two extremes of the applied
load capacitance.
A crystal with the following parameters is used. With C1 =
0.02pF, C0 = 5pF, CL1 = 10pF, and CL2 = 22.66pF, the
coarse tuning range is
()
() (
)
ppm
.
.
.
f
305
10
5
66
22
5
2
106
10
66
22
02
0
=
+
×
+
×
×
×
=
.
4.0
Programming Information
Table 2: Register Summary
BIT D[x]
REGISTER BIT DESCRIPTION
0
ACLK Select (LSB)
1
ACLK Select
2
ACLK Select (MSB)
ACLK Off-Speed Mode
Bit = 0
Disable Off-Speed Mode
3
Bit = 1
Enable Off-Speed Mode
ACLK Speed Control
Bit = 0
Low Speed
4
Bit = 1
High Speed
5
UCLK Select (LSB)
6
UCLK Select
7
UCLK Select (MSB)
CLK27 Select
Bit = 0
Selects VCXO Frequency
8
Bit = 1
Selects UCLK Frequency
9
Crystal Oscillator Coarse Tune (LSB)
10
Crystal Oscillator Coarse Tune
11
Crystal Oscillator Coarse Tune
12
Crystal Oscillator Coarse Tune (MSB)
VCXO Enable/Disable Control
Bit = 0
Disable VCXO Mode
13
Bit = 1
Enable VCXO Mode
14
Reserved (should be set to 0)


Similar Part No. - FS6011-02

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
FS60 XPPOWER-FS60 Datasheet
685Kb / 9P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Infineon Technologies A...
FS600R07A2E3 INFINEON-FS600R07A2E3 Datasheet
833Kb / 10P
   HybridPACK?? Modul mit Trench/Feldstopp IGBT3 und Emitter Controlled 3 Diode und NTC
2014-10-30 revision:3.2
logo
List of Unclassifed Man...
FS6050 ETC1-FS6050 Datasheet
386Kb / 19P
   LOW-SKEW CLOCK FANOUT BUFFER ICs
FS6051 ETC1-FS6051 Datasheet
386Kb / 19P
   LOW-SKEW CLOCK FANOUT BUFFER ICs
FS6053 ETC1-FS6053 Datasheet
386Kb / 19P
   LOW-SKEW CLOCK FANOUT BUFFER ICs
More results

Similar Description - FS6011-02

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2360FV ROHM-BU2360FV_15 Datasheet
1Mb / 22P
   Clock Generator for Audio/Video Equipment
BU2362FV ROHM-BU2362FV Datasheet
1Mb / 23P
   Clock Generator for Audio/Video Equipment
BU2363FV ROHM-BU2363FV_15 Datasheet
1Mb / 23P
   Clock Generator for Audio/Video Equipment
BU2280FV ROHM-BU2280FV_15 Datasheet
1Mb / 25P
   Clock Generator for Audio/Video Equipment
logo
Texas Instruments
LMH1983 TI1-LMH1983 Datasheet
2Mb / 55P
[Old version datasheet]   3G/HD/SD Video Clock Generator with Audio Clock
logo
Rohm
BU2285FV ROHM-BU2285FV_08 Datasheet
676Kb / 17P
   DVD-Audio Reference Clock Generator for Audio/Video Appliance
logo
PhaseLink Corporation
PLL601-26 PLL-PLL601-26 Datasheet
114Kb / 4P
   Audio Clock Generator
logo
Asahi Kasei Microsystem...
AK8128C AKM-AK8128C Datasheet
174Kb / 8P
   Audio Clock Generator
logo
List of Unclassifed Man...
BU2286FV ETC-BU2286FV Datasheet
50Kb / 2P
   Clock generator IC
FS6118 ETC-FS6118 Datasheet
87Kb / 4P
   CLOCK GENERATOR IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com