Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMG5A Datasheet(PDF) 1 Page - Rohm

Part # FMG5A
Description  Emitter common (dual digital transistors)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

FMG5A Datasheet(HTML) 1 Page - Rohm

  FMG5A Datasheet HTML 1Page - Rohm FMG5A Datasheet HTML 2Page - Rohm FMG5A Datasheet HTML 3Page - Rohm FMG5A Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EMG5 / UMG5N / FMG5A
Transistors
Rev.A
1/3
Emitter common
(dual digital transistors)
EMG5 / UMG5N / FMG5A
Features
1) Two DTC114Y chips in a EMT or UMT or SMT
package.
Equivalent circuit
EMG5 / UMG5N
FMG5A
R1
R1
DTr1
DTr2
(3)
(4)
(5)
(2)
(1)
R1=10k
R2=47k
R2
R2
R1
R1
DTr1
DTr2
(3)
(2)
(1)
(4)
(5)
R1=10k
R2=47k
R2
R2
Absolute maximum ratings (Ta = 25
°C)
Parameter
Symbol
Limits
Unit
VCC
50
V
40
V
VIN
−6
IO
70
mA
IC (Max.)
100
Tj
150
°C
Tstg
−55 to +150
°C
Pd
EMG5, UMG5N
150 (TOTAL)
mW
FMG5A
300 (TOTAL)
1
2
Supply voltage
Input voltage
Output current
Junction temperature
Storage temperature
Power
dissipation
1 120mW per element must not be exceeded.
2 200mW per element must not be exceeded.
External dimensions (Unit : mm)
ROHM : EMT5
EMG5
ROHM : UMT5
EIAJ : SC-88A
UMG5N
Each lead has same dimensions
Each lead has same dimensions
Each lead has same dimensions
0.3Min.
1.6
2.8
Abbreviated symbol : G5
Abbreviated symbol : G5
Abbreviated symbol : G5
ROHM : SMT5
EIAJ : SC-74A
FMG5A
1.2
1.6
(1)
(2)
(3)
(5)
(4)
0.1Min.
2.1
1.25


Similar Part No. - FMG5A

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
FMG50AQ120N6 SANREX-FMG50AQ120N6 Datasheet
1Mb / 16P
   SiC MOSFET (Through Hole/Isolated)
Apr.2022
More results

Similar Description - FMG5A

ManufacturerPart #DatasheetDescription
logo
Rohm
EMA11 ROHM-EMA11 Datasheet
61Kb / 2P
   Emitter common (dual digital transistors)
FMG9A ROHM-FMG9A Datasheet
76Kb / 2P
   Emitter common (dual digital transistors)
EMA5 ROHM-EMA5 Datasheet
1Mb / 11P
   Emitter common Dual digital transistors
UMA2N ROHM-UMA2N Datasheet
73Kb / 3P
   Emitter common (dual digital transistors)
UMG2N ROHM-UMG2N Datasheet
71Kb / 3P
   Emitter common (dual digital transistors)
logo
Unisonic Technologies
UG4J UTC-UG4J_07 Datasheet
103Kb / 2P
   EMITTER COMMON (DUAL DIGITAL TRANSISTORS)
logo
Rohm
EMS1 ROHM-EMS1 Datasheet
42Kb / 3P
   Emitter common (dual digital transistors)
UMG3N ROHM-UMG3N Datasheet
67Kb / 3P
   Emitter common (dual digital transistors)
UMA7N ROHM-UMA7N Datasheet
69Kb / 3P
   Emitter common (dual digital transistors)
EMG2 ROHM-EMG2 Datasheet
1Mb / 11P
   Emitter common (dual digital transistors)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com