Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN29F002T-55P Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # EN29F002T-55P
Description  2 Megabit (256K x 8-bit) Flash Memory
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EN29F002T-55P Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button EN29F002T-55P Datasheet HTML 3Page - List of Unclassifed Manufacturers EN29F002T-55P Datasheet HTML 4Page - List of Unclassifed Manufacturers EN29F002T-55P Datasheet HTML 5Page - List of Unclassifed Manufacturers EN29F002T-55P Datasheet HTML 6Page - List of Unclassifed Manufacturers EN29F002T-55P Datasheet HTML 7Page - List of Unclassifed Manufacturers EN29F002T-55P Datasheet HTML 8Page - List of Unclassifed Manufacturers EN29F002T-55P Datasheet HTML 9Page - List of Unclassifed Manufacturers EN29F002T-55P Datasheet HTML 10Page - List of Unclassifed Manufacturers EN29F002T-55P Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
4800 Great America Parkway, Suite 202
Tel: 408-235-8680
Santa Clara, CA 95054
Fax: 408-235-8685
7
EN29F002 / EN29F002N
Rev. C, Issue Date: 2001/07/05
Device Code can be read as 7F, 92 (hex) for EN29F002T or as 7F, 97 (hex) for EN29F002B (See
Table 4). All identifiers for manufacturer and device codes possess odd parity with the DQ7 defined
as the parity bit.
Write Mode
Write is used for device programming and erase through the command register. This mode is
selected with CE = WE = L and OE = H. The contents of the command register are the inputs to
the internal state machine. The command register is a set of latches used to store the commands
along with the addresses and data information needed to execute that command. Address latching
occurs on the falling edge of WE or CE (whichever occurs later) and data latching occurs on the
rising edge of WE or CE (whichever occurs first).
Temporary Sector Unprotect Mode
EN29F002 allows protected sectors to be temporarily unprotected for making changes to data stored
in a protected sector in system (n/a for EN29F002N). To activate the temporary sector unprotect, the
RESET pin must be set to a high voltage of VID (11V). In this mode, protected sectors can be
programmed or erased by selecting the sector addresses. Once the high voltage, VID, is removed
from RESET pin, all previously protected sectors will revert to their protected state.
RESET
Hardware Reset Mode (not available on EN29F002N)
Resetting the EN29F002 device is performed when the RESET pin is set to VIL and kept low for at
least 500ns.
The internal state machine will be reset to the read mode.
Any program/erase
operation in progress during hardware reset will be terminated and data may be corrupted.
If the RESET pin is tied to the system reset command, the device will be automatically reset to the
read mode and enable the system’s microprocessor to read the boot-up firmware from the FLASH
memory.
COMMAND DEFINITIONS
The operations of the EN29F002 are selected by one or more commands written into the command
register to perform Read/Reset Memory, Read ID, Read Sector Protection, Program, Sector Erase,
Chip Erase, Erase Suspend and Erase Resume. Commands are made up of data sequences
written at specific addresses via the command register. The sequences for the specified operation
are defined in the Command Table (Table 5).
Incorrect addresses, incorrect data values or
improper sequences will reset the device to the read mode.


Similar Part No. - EN29F002T-55P

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29F002A EON-EN29F002A Datasheet
431Kb / 35P
   2 Megabit (256K x 8-bit) Flash Memory
EN29F002AB-45JC EON-EN29F002AB-45JC Datasheet
431Kb / 35P
   2 Megabit (256K x 8-bit) Flash Memory
EN29F002AB-45JCP EON-EN29F002AB-45JCP Datasheet
431Kb / 35P
   2 Megabit (256K x 8-bit) Flash Memory
EN29F002AB-45JI EON-EN29F002AB-45JI Datasheet
431Kb / 35P
   2 Megabit (256K x 8-bit) Flash Memory
EN29F002AB-45JIP EON-EN29F002AB-45JIP Datasheet
431Kb / 35P
   2 Megabit (256K x 8-bit) Flash Memory
More results

Similar Description - EN29F002T-55P

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29F002A EON-EN29F002A Datasheet
431Kb / 35P
   2 Megabit (256K x 8-bit) Flash Memory
logo
ATMEL Corporation
AT29C020 ATMEL-AT29C020 Datasheet
426Kb / 17P
   2-megabit (256K x 8) 5-volt Only Flash Memory
logo
Hynix Semiconductor
HY29F002T HYNIX-HY29F002T Datasheet
381Kb / 38P
   2 Megabit (256K x 8), 5 Volt-only, Flash Memory
logo
ATMEL Corporation
AT29LV020 ATMEL-AT29LV020_08 Datasheet
387Kb / 16P
   2-megabit (256K x 8) 3-volt Only Flash Memory
AT49F002 ATMEL-AT49F002 Datasheet
182Kb / 16P
   2-Megabit 256K x 8 5-volt Only Flash Memory
AT49F002 ATMEL-AT49F002 Datasheet
213Kb / 20P
   2-megabit (256K x 8) 5-volt Only Flash Memory
AT29LV020 ATMEL-AT29LV020 Datasheet
486Kb / 10P
   2 Megabit 256K x 8 3-volt Only CMOS Flash Memory
AT29C020 ATMEL-AT29C020 Datasheet
257Kb / 11P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49F020 ATMEL-AT49F020 Datasheet
84Kb / 10P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
logo
PMC-Sierra, Inc
PM29F002 PMC-PM29F002 Datasheet
148Kb / 21P
   2 Megabit (256K X 8) 5.0 Volt-only CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com