Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE356-24 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE356-24
Description  SMA Female to N Male Cable 24 Inch Length Using PE-P141 Coax
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE356-24 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE356-24 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE356-24 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE356-24 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE356-24 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
2
Mechanical Specifications
Temperature
Temperature Operating Range
-55 to +125 deg C
Size
Length
24 in [609.6 mm]
.
Cable Color
Blue
Cable
Cable Type
PE-P141
Inner Conductor Type
Solid
Cable Inner Conductor
Copper Clad Steel, Silver
No of Shields
2
Dielectric Type
PTFE
Jacket Material
FEP
Jacket Diameter
0.163 in [4.14 mm]
Connector 1
Type
SMA Female
Configuration
Straight
Body Material and Plating
Passivated Stainless Steel
Connector 2
Type
N Male
Configuration
Straight
Coupling Nut Material and Plating
Passivated Stainless Steel
Body Material and Plating
Passivated Stainless Steel
Compliance Certifications (visit www.Pasternack.com for current document)
For RoHS Compliant version, use PE356LF-24. Contact Pasternack if product cannot be found.
PE356-24 REV 1.0
PE356-24
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female to N Male Cable 24 Inch Length Using PE-P141 Coax PE356-24
SMA Female to N Male Cable 24 Inch
Length Using PE-P141 Coax


Similar Part No. - PE356-24

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE356-200CM PASTERNACK-PE356-200CM Datasheet
465Kb / 4P
   SMA Female to N Male Cable 200 cm Length Using PE-P141 Coax, RoHS
More results

Similar Description - PE356-24

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE356-12 PASTERNACK-PE356-12 Datasheet
463Kb / 4P
   SMA Female to N Male Cable 12 Inch Length Using PE-P141 Coax
PE356-120 PASTERNACK-PE356-120 Datasheet
465Kb / 4P
   SMA Female to N Male Cable 120 Inch Length Using PE-P141 Coax, RoHS
PE356-36 PASTERNACK-PE356-36 Datasheet
465Kb / 4P
   SMA Female to N Male Cable 36 Inch Length Using PE-P141 Coax, RoHS
PE356-60 PASTERNACK-PE356-60 Datasheet
465Kb / 4P
   SMA Female to N Male Cable 60 Inch Length Using PE-P141 Coax, RoHS
PE356-48 PASTERNACK-PE356-48 Datasheet
465Kb / 4P
   SMA Female to N Male Cable 48 Inch Length Using PE-P141 Coax, RoHS
PE356-72 PASTERNACK-PE356-72 Datasheet
464Kb / 4P
   SMA Female to N Male Cable 72 Inch Length Using PE-P141 Coax, RoHS
PE356 PASTERNACK-PE356 Datasheet
463Kb / 4P
   SMA Female to N Male Cable Using PE-P141 Coax, RoHS
PE34235-24 PASTERNACK-PE34235-24 Datasheet
387Kb / 4P
   SMA Male to SMA Female Cable 24 Inch Length Using PE-SR402AL Coax
PE356-150CM PASTERNACK-PE356-150CM Datasheet
465Kb / 4P
   SMA Female to N Male Cable 150 cm Length Using PE-P141 Coax, RoHS
PE356-100CM PASTERNACK-PE356-100CM Datasheet
476Kb / 4P
   SMA Female to N Male Cable 100 cm Length Using PE-P141 Coax, RoHS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com