Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE2331 Datasheet(PDF) 2 Page - NTE Electronics

Part No. NTE2331
Description  Silicon NPN Transistor Color TV Horizontal Deflection Output w/Damper Diode
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE2331 Datasheet(HTML) 2 Page - NTE Electronics

  NTE2331 Datasheet HTML 1Page - NTE Electronics NTE2331 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics (Cont’d): (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
DC Current Gain
hFE1
VCE = 5V, IC = 1A
8
hFE2
VCE = 5V, IC = 5A
5
10
Diode Forward Voltage
VF
IEC = 6A
2
V
Fall Time
tf
IC = 4A, IB1 = 0.8A, IB2 = 1.6A
0.1
0.3
µs
.630 (16.0)
.158 (4.0)
.315
(8.0)
.866
(22.0)
.804
(20.4)
BC
E
.134 (3.4) Dia
.221 (5.6)
.123 (3.1)
.215 (5.45)
.040 (1.0)


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn