Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

NTE2331 Datasheet(PDF) 1 Page - NTE Electronics

Part No. NTE2331
Description  Silicon NPN Transistor Color TV Horizontal Deflection Output w/Damper Diode
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

NTE2331 Datasheet(HTML) 1 Page - NTE Electronics

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE2331
Silicon NPN Transistor
Color TV Horizontal Deflection Output
w/Damper Diode
Applications:
D Color TV Horizontal Deflection Output
D Color Display Horizontal Deflection Output
Features:
D High Speed (tf = 100nsec)
D High Breakdown Voltage (VCBO = 1500V)
D High Reliability
D On–Chip Damper Diode
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Collector–Base Voltage, VCBO
1500V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector–Emitter Voltage, VCEO
800V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Emitter–Base Voltage, VEBO
6V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector Current, IC
Continous
6A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak
20A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector Dissipation (TC = +25°C), PC
60W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature, TJ
+150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–55
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector Cutoff Current
ICES
VCE = 1500V
1.0
mA
ICBO
VCB = 800V
10
µA
Collector Sustain Voltage
VCEO(sus) IC = 100mA, IB = 0
800
V
Emitter Cutoff Current
IEBO
VEB = 4V
40
130
mA
Saturation Voltage
Collector to Emitter
VCE(sat)
IC = 5A, IB = 1.0A
5
V
Saturation Voltage
Base to Emitter
VBE(sat)
IC = 5A, IB = 1.0A
1.5
V


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn