Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE3TC0401-24 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE3TC0401-24
Description  RF Cable Assemblies Technical Data Sheet
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3TC0401-24 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE3TC0401-24 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3TC0401-24 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3TC0401-24 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3TC0401-24 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3TC0401-24 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
.
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
12
18
27
GHz
Insertion Loss (Max.)
1.61
2.04
2.59
dB
VSWR (Max.)
1.3:1
1.3:1
1.3:1
Power Handling (Max.)
29
20
14
Watts
.
Mechanical Specifications
Cable Assembly
Length
24 in [609.6 mm]
.
One Time Minimum Bend Radius
0.75 in [19.05 mm]
Cable
Cable Type
PE-TC151
Impedance
50 Ohms
Inner Conductor Type
Solid
Inner Conductor Material and Plating
Copper, Silver
Dielectric Type
PTFE
Number of Shields
3
Shield Layer 1
Silver Plated Copper Braid
Shield Layer 2
Silver Plated Copper Tape
Shield Layer 3
Silver Plated Copper Braid
Jacket Material
Polyurethane
Jacket Diameter
0.151 in [3.84 mm]
Connectors
Description
Connector 1
Connector 2
Type
SMA Male
SMA Male
Impedance
50 Ohms
50 Ohms
Connection Method
Standard
Standard
Contact Material and Plating
Beryllium Copper, Gold
Beryllium Copper, Gold
Dielectric Type
PTFE
PTFE
Coupling Nut Material and Plating
Passivated Stainless Steel
Passivated Stainless Steel
Body Material and Plating
Passivated Stainless Steel
Passivated Stainless Steel
.
PE3TC0401-24 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: PE-TC151 Series Phase Stable Test Cable SMA Male to SMA Male to 27 GHz 24 Inch Length
,RoHS PE3TC0401-24
RF Cable Assemblies Technical Data Sheet
PE3TC0401-24
PE-TC151 Series Phase Stable Test Cable SMA Male
to SMA Male to 27 GHz 24 Inch Length ,RoHS


Similar Part No. - PE3TC0401-24

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3TC0401-48 PASTERNACK-PE3TC0401-48 Datasheet
645Kb / 5P
   RF Cable Assemblies Technical Data Sheet
PE3TC0401-72 PASTERNACK-PE3TC0401-72 Datasheet
645Kb / 5P
   RF Cable Assemblies Technical Data Sheet
More results

Similar Description - PE3TC0401-24

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C4465-48 PASTERNACK-PE3C4465-48 Datasheet
449Kb / 5P
   RF Cable Assemblies Technical Data Sheet
PE3C4481-6 PASTERNACK-PE3C4481-6 Datasheet
462Kb / 5P
   RF Cable Assemblies Technical Data Sheet
PE3C4485-24 PASTERNACK-PE3C4485-24 Datasheet
465Kb / 5P
   RF Cable Assemblies Technical Data Sheet
PE3C4488 PASTERNACK-PE3C4488 Datasheet
465Kb / 5P
   RF Cable Assemblies Technical Data Sheet
PE3C4488-6 PASTERNACK-PE3C4488-6 Datasheet
466Kb / 5P
   RF Cable Assemblies Technical Data Sheet
PE3CA1037-24 PASTERNACK-PE3CA1037-24 Datasheet
473Kb / 6P
   RF Cable Assemblies Technical Data Sheet
PE3CA1038-12 PASTERNACK-PE3CA1038-12 Datasheet
470Kb / 6P
   RF Cable Assemblies Technical Data Sheet
PE3CA1039-50CM PASTERNACK-PE3CA1039-50CM Datasheet
472Kb / 6P
   RF Cable Assemblies Technical Data Sheet
PE3CA1041-50CM PASTERNACK-PE3CA1041-50CM Datasheet
485Kb / 6P
   RF Cable Assemblies Technical Data Sheet
PE3CA1042-100CM PASTERNACK-PE3CA1042-100CM Datasheet
480Kb / 6P
   RF Cable Assemblies Technical Data Sheet
PE3CA1045-24 PASTERNACK-PE3CA1045-24 Datasheet
459Kb / 6P
   RF Cable Assemblies Technical Data Sheet
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com