Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMIF04-1502QCF Datasheet(PDF) 1 Page - STMicroelectronics

Part # EMIF04-1502QCF
Description  4 LINES LOW CAPACITANCE EMI FILTER AND ESD PROTECTION
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF04-1502QCF Datasheet(HTML) 1 Page - STMicroelectronics

  EMIF04-1502QCF Datasheet HTML 1Page - STMicroelectronics EMIF04-1502QCF Datasheet HTML 2Page - STMicroelectronics EMIF04-1502QCF Datasheet HTML 3Page - STMicroelectronics EMIF04-1502QCF Datasheet HTML 4Page - STMicroelectronics EMIF04-1502QCF Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
®
1/5
EMIF04-1502QCF
4 LINES LOW CAPACITANCE EMI FILTER
AND ESD PROTECTION
REV. 1
8
1
7
2
GND
6
3
5
4
QFN 2x2mm 8 pins
(Dot on package indicates pin 1)
December 2004
MAIN PRODUCT CHARACTERISTICS:
Where EMI filtering in ESD sensitive equipment is
required :
LCD and camera for Mobile phones
Computers and printers
Communication systems
MCU Boards
DESCRIPTION
The EMIF04-1502QCF is a 4 line highly integrated
device designed to suppress EMI/RFI noise in all
systems subjected to electromagnetic interferences.
This filter includes an ESD protection circuitry,
which prevents the device from destruction when
subjected to ESD surges up 15kV on the input
pins.
BENEFITS
EMI symmetrical (I/O) low-pass filter
High efficiency in EMI filtering
Very low PCB space consuming: 2mm x 2mm
Very thin package: 1 mm max.
High efficiency in ESD suppression on input
pins (IEC61000-4-2 level 4)
High reliability offered by monolithic integration
High reducing of parasitic elements through
integration and wafer level packaging
COMPLIES WITH THE FOLLOWING STANDARDS:
IEC61000-4-2:
Level 4 input pins
15kV (air discharge)
8kV (contact discharge)
MIL STD 833E - Method 3015-6 Class 3
Table 1: Order Code
Part Number
Marking
EMIF04-1502QCF
F4
IPAD™
Figure 1: Pin Configuration (back side)
Input
Output
Low-pass Filter
Input
Output
Low-pass Filter
Input
Output
Low-pass Filter
Input
Output
Low-pass Filter
18
27
36
45
Figure 2: Basic Cell Configuration
Typical line capacitance = 13pF @ 3V
R = 160
Input 1
Output 2
C1
C2
TM: IPAD is a trademark of STMicroelectronics.


Similar Part No. - EMIF04-1502QCF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF04-1502QCF STMICROELECTRONICS-EMIF04-1502QCF Datasheet
130Kb / 6P
   4 LINE LOW CAPACITANCE EMI FILTER AND ESD PROTECTION
EMIF04-1502QCF STMICROELECTRONICS-EMIF04-1502QCF_05 Datasheet
130Kb / 6P
   4 LINE LOW CAPACITANCE EMI FILTER AND ESD PROTECTION
More results

Similar Description - EMIF04-1502QCF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF04-VID01C2 STMICROELECTRONICS-EMIF04-VID01C2 Datasheet
134Kb / 6P
   4 LINES LOW CAPACITANCE EMI FILTER AND ESD PROTECTION
EMIF04-VID01F2 STMICROELECTRONICS-EMIF04-VID01F2 Datasheet
130Kb / 6P
   4 LINES LOW CAPACITANCE EMI FILTER AND ESD PROTECTION
EMIF04-VID01C1 STMICROELECTRONICS-EMIF04-VID01C1 Datasheet
132Kb / 6P
   4 LINES LOW CAPACITANCE EMI FILTER AND ESD PROTECTION
EMIF06-VID01F2 STMICROELECTRONICS-EMIF06-VID01F2 Datasheet
124Kb / 6P
   6 LINES LOW CAPACITANCE EMI FILTER AND ESD PROTECTION
February 2005 REV. 1
EMIF06-VID01C1 STMICROELECTRONICS-EMIF06-VID01C1 Datasheet
124Kb / 6P
   6 LINES LOW CAPACITANCE EMI FILTER AND ESD PROTECTION
EMIF04-10006F1 STMICROELECTRONICS-EMIF04-10006F1 Datasheet
241Kb / 6P
   4 LINES EMI FILTER AND ESD PROTECTION
EMIF04-1502QCF STMICROELECTRONICS-EMIF04-1502QCF_05 Datasheet
130Kb / 6P
   4 LINE LOW CAPACITANCE EMI FILTER AND ESD PROTECTION
EMIF04-MMC02F1 STMICROELECTRONICS-EMIF04-MMC02F1 Datasheet
170Kb / 7P
   4 LINES EMI FILTER INCLUDING ESD PROTECTION
EMIF04-MMC02F2 STMICROELECTRONICS-EMIF04-MMC02F2 Datasheet
95Kb / 7P
   4 LINES EMI FILTER INCLUDING ESD PROTECTION
EMIF06-10006F1 STMICROELECTRONICS-EMIF06-10006F1 Datasheet
235Kb / 6P
   6 LINES EMI FILTER AND ESD PROTECTION
January 2003 - Ed: 1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com