Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NOA2301 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NOA2301
Description  Digital Proximity Sensor
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NOA2301 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NOA2301_17 Datasheet HTML 3Page - ON Semiconductor NOA2301_17 Datasheet HTML 4Page - ON Semiconductor NOA2301_17 Datasheet HTML 5Page - ON Semiconductor NOA2301_17 Datasheet HTML 6Page - ON Semiconductor NOA2301_17 Datasheet HTML 7Page - ON Semiconductor NOA2301_17 Datasheet HTML 8Page - ON Semiconductor NOA2301_17 Datasheet HTML 9Page - ON Semiconductor NOA2301_17 Datasheet HTML 10Page - ON Semiconductor NOA2301_17 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
NOA2301
www.onsemi.com
7
TYPICAL CHARACTERISTICS
Figure 4. PS Response vs. Distance and LED
Current (1200
ms Integration Time, White
Reflector (RGB = 220, 224, 223))
Figure 5. PS Response vs. Distance and LED
Current (1200
ms Integration Time, Grey
Reflector (RGB = 162, 162, 160))
DISTANCE (mm)
DISTANCE (mm)
250
200
150
100
50
0
0
2K
4K
6K
8K
12K
14K
16K
200
150
100
50
0
0
1K
2K
4K
5K
6K
8K
9K
Figure 6. PS Response vs. Distance and LED
Current (1200
ms Integration Time, Black
Reflector (RGB = 16, 16, 15))
Figure 7. PS Response vs. Distance and
Integration Time (80 mA LED Current, White
Reflector (RGB = 220, 224, 223))
DISTANCE (mm)
DISTANCE (mm)
200
150
100
50
0
0
200
400
600
800
1000
1200
250
200
150
100
50
0
0
5K
15K
20K
25K
30K
40K
45K
10K
3K
7K
10K
35K
160 mA
80 mA
40 mA
20 mA
10 mA
160 mA
80 mA
40 mA
20 mA
10 mA
160 mA
80 mA
40 mA
20 mA
10 mA
4800
ms
2400
ms
1200
ms
600
ms
300
ms
150
ms
Figure 8. PS Response vs. Distance and Supply
Voltage (1200
ms Integration Time, 40 mA LED
Current, White Reflector (RGB = 220, 224, 223))
Figure 9. PS Ambient Rejection (1200
ms
Integration Time, 100 mA LED Current, White
Reflector (RGB = 220, 224, 223))
DISTANCE (mm)
DISTANCE (mm)
250
200
150
100
50
0
0
500
1000
1500
2000
2500
3000
3500
250
200
150
100
50
0
0
500
1000
1500
2000
2500
2.3 V
3.0 V
3.6 V
Ambient
CFL 3000K (2kLux)
Halogen (40kLux)
Incandescent (6kLux)
White LED (7kLux)


Similar Part No. - NOA2301_17

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOA2301CUTAG ONSEMI-NOA2301CUTAG Datasheet
172Kb / 19P
   Digital Proximity Sensor
March, 2015 ??Rev. 1
NOA2301W ONSEMI-NOA2301W Datasheet
198Kb / 19P
   Digital Proximity Sensor
March, 2015 ??Rev. 0
More results

Similar Description - NOA2301_17

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9190 AVAGO-APDS-9190 Datasheet
1Mb / 24P
   Digital Proximity Sensor
APDS-9130 AVAGO-APDS-9130 Datasheet
1Mb / 31P
   Digital Proximity Sensor
logo
ON Semiconductor
NOA3315W ONSEMI-NOA3315W Datasheet
330Kb / 26P
   Digital Proximity Sensor
March, 2015 ??Rev. 0
NOA2301 ONSEMI-NOA2301 Datasheet
172Kb / 19P
   Digital Proximity Sensor
March, 2015 ??Rev. 1
NOA2301W ONSEMI-NOA2301W Datasheet
198Kb / 19P
   Digital Proximity Sensor
March, 2015 ??Rev. 0
NOA3302 ONSEMI-NOA3302 Datasheet
323Kb / 23P
   Digital Proximity Sensor
March, 2013 ??Rev. 1
NOA3315 ONSEMI-NOA3315 Datasheet
287Kb / 26P
   Digital Proximity Sensor
December, 2016 ??Rev. 0
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9900 AVAGO-APDS-9900 Datasheet
1Mb / 28P
   Digital Proximity and Ambient Light Sensor
APDS-9930 AVAGO-APDS-9930 Datasheet
1Mb / 34P
   Digital Proximity and Ambient Light Sensor
logo
Intersil Corporation
ISL29021 INTERSIL-ISL29021 Datasheet
583Kb / 12P
   Digital Proximity Sensor with Interrupt Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com