Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HVR5510U12 Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # HVR5510U12
Description  Ultra Fast Recovery High Voltage Rectifier Subassembly
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

HVR5510U12 Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  HVR5510U12_17 Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD HVR5510U12_17 Datasheet HTML 2Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HVR5510U12
1.0A 12kV 75nS
Ultra Fast Recovery High Voltage Rectifier Subassembly
----------------------------------------------------------------------------------------------------------------------------- ------
GETE ELECTRONIC CO.,LTD
Http://www.getedz.com
Http://www.hvgtsemi.com E-mai: sales@getedz.com
GETAI ELECTRONIC DEVICE CO.,LTD TEL:0086-20-8184 9628
FAX:0086-20-8184 9638
2017-10 1 / 2
INTRODUCE:
HVGT high voltage silicon rectifier assembly is
made of high quality glass passivated chip and high
reliability epoxy resin sealing structure, and
through professional testing equipment inspection
qualified after to customers.
FEATURES:
1. High reliability design.
2. High voltage design.
3. Ultra Fast Recovery.
4. Conform to RoHS and SGS.
5. Epoxy resin molded in vacuumHave
anticorrosion in the surface.
APPLICATIONS:
1. High voltage multiplier circuit
2. HV Switching Mode Power Supply .
3. General purpose high voltage rectifier.
4. Other.
MECHANICAL DATA:
1. Case: epoxy resin molding.
2. Terminal: welding axis.
3. Net weight: 11 grams (approx).
SHAPE DISPLAY:
SIZE: (Unit:mm)
HVGT NAME: HVR-101255H
MAXIMUM RATINGS AND CHARACTERISTICS: (Absolute Maximum Ratings)
Items
Symbols
Condition
Data Value
Units
Repetitive Peak Renerse Voltage
VRRM
TA=25°C
12
kV
Non-Repetitive Peak Renerse Voltage
VRSM
TA=25°C
--
kV
Average Forward Current Maximum
IFAVM
TA=25°C
1.0
A
TOIL=55°C
--
A
Non-Repetitive Forward Surge Current
IFSM
TA=25°C; 60Hz Half-Sine Wave; 8.3mS
30
A
Junction Temperature
TJ
125
°C
Allowable Operation Case Temperature
Tc
-40~+125
°C
Storage Temperature
TSTG
-40~+125
°C
ELECTRICAL CHARACTERISTICS: TA=25°C (Unless Otherwise Specified)
Items
Symbols
Condition
Data value
Units
Maximum Forward Voltage Drop
VFM
at 25°C; at IFAVM
16
V
Maximum Reverse Current
IR1
at 25°C; at VRRM
5.0
uA
IR2
at 100°C; at VRRM
50
uA
Maximum Reverse Recovery Time
TRR
at 25°C; IF=0.5IR; IR=IFAVM; IRR=0.25IR
75
nS
Junction Capacitance
CJ
at 25°C; VR=0V; f=1MHz
5.5
pF


Similar Part No. - HVR5510U12_17

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
HVR5510U12 GETEDZ-HVR5510U12_V01 Datasheet
512Kb / 2P
   Ultra-Fast Recovery High Voltage Rectifier Assembly
More results

Similar Description - HVR5510U12_17

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
HVR5510U10 GETEDZ-HVR5510U10_17 Datasheet
522Kb / 2P
   Ultra Fast Recovery High Voltage Rectifier Subassembly
HVR5510U15 GETEDZ-HVR5510U15_17 Datasheet
523Kb / 2P
   Ultra Fast Recovery High Voltage Rectifier Subassembly
logo
Solid States Devices, I...
JANS1N6512 SSDI-JANS1N6512 Datasheet
136Kb / 2P
   ULTRA FAST RECOVERY HIGH VOLTAGE RECTIFIER
RC0172A SSDI-RC0172A Datasheet
158Kb / 3P
   ULTRA FAST RECOVERY HIGH VOLTAGE RECTIFIER
RC0166A SSDI-RC0166A_15 Datasheet
97Kb / 2P
   ULTRA FAST RECOVERY HIGH VOLTAGE RECTIFIER
1N6512 SSDI-1N6512 Datasheet
156Kb / 3P
   ULTRA FAST RECOVERY HIGH VOLTAGE RECTIFIER
SDH20UF SSDI-SDH20UF_2 Datasheet
72Kb / 2P
   ULTRA FAST RECOVERY HIGH VOLTAGE RECTIFIER
RC0172A SSDI-RC0172A_15 Datasheet
158Kb / 3P
   ULTRA FAST RECOVERY HIGH VOLTAGE RECTIFIER
RC0059F SSDI-RC0059F_15 Datasheet
82Kb / 2P
   ULTRA FAST RECOVERY HIGH VOLTAGE RECTIFIER
RC0166A SSDI-RC0166A Datasheet
97Kb / 2P
   ULTRA FAST RECOVERY HIGH VOLTAGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com