Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HVG3A300 Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # HVG3A300
Description  Glass passivation Ultra Fast Recovery Rectifier Assembly
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

HVG3A300 Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  HVG3A300 Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD HVG3A300 Datasheet HTML 2Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HVG3A300
3.0A 30kV 80nS
Glass passivation Ultra Fast Recovery Rectifier Assembly
GETE ELECTRONIC CO.,LTD
Http://www.getedz.com
Http://www.hvgtsemi.com E-mai: sales@getedz.com
GETAI ELECTRONIC DEVICE CO.,LTD TEL:0086-20-8184 9628
FAX:0086-20-8184 9638
2017-08 1 / 2
INTRODUCE:
HVGT high voltage silicon rectifier assembly is
made of high quality glass passivated chip and
high reliability epoxy resin sealing structure,
and through professional testing equipment
inspection qualified after to customers.
FEATURES:
1. High reliability design.
2. High voltage design.
3. Ultra high frequency design.
4. Conform to RoHS and SGS
5. Glass passivation.
6. Epoxy resin molded in vacuumHave
anticorrosion in the surface.
APPLICATIONS:
1. High frequency switching power supply.
2. Power supply of laser equipment .
3. General purpose high voltage rectifier.
4. High voltage test equipment.
5. Other.
MECHANICAL DATA:
1. Case: epoxy resin molding.
2. Terminal: welding axis.
3. Net weight: 490 grams (approx).
SHAPE DISPLAY:
SIZE: (Unit:mm)
HVGT NAME: HVC-205825
MAXIMUM RATINGS AND CHARACTERISTICS: (Absolute Maximum Ratings)
Items
Symbols
Condition
Data Value Units
Repetitive Peak Renerse Voltage
VRRM
TA=25°C
30
kV
Average Forward Current Maximum
IFAVM
TA=55°C
3.0
A
Suege Current
IFSM
TA=25°C; Half-Sine Wave; 8.3mS
90
A
Junction Temperature
TJ
125
°C
Allowable Operation Case Temperature
Tc
-55~+150
°C
Storage Temperature
TSTG
-55~+150
°C
ELECTRICAL CHARACTERISTICS: TA=25°C (Unless Otherwise Specified)
Items
Symbols
Condition
Data value Units
Maximum Forward Voltage Drop
VF
at 25°C; at IF(AV)
36
V
Maximum Reverse Current
IR1
at 25°C; at VRRM
2.0
uA
IR2
at 100°C; at VRRM
50
uA
Maximum Reverse Recovery Time
TRR
at 25°C; IF=0.5IR; IR=IFAVM; IRR=0.25IR
80
nS
Junction Capacitance
CJ
at 25°C; VR=0V; f=1MHz
--
pF


Similar Part No. - HVG3A300

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
HVG3A300 GETEDZ-HVG3A300 Datasheet
494Kb / 1P
   3.0A 30kV 80nS--High voltage silicon rectifier stack
More results

Similar Description - HVG3A300

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
HVG10A060 GETEDZ-HVG10A060 Datasheet
543Kb / 2P
   Glass passivation Ultra Fast Recovery Rectifier Assembly
HVR5510F10 GETEDZ-HVR5510F10 Datasheet
522Kb / 2P
   Glass passivation Ultra Fast Recovery Rectifier Assembly
HVR5510U08 GETEDZ-HVR5510U08_17 Datasheet
523Kb / 2P
   Glass passivation Ultra Fast Recovery Rectifier Assembly
HVG6A300 GETEDZ-HVG6A300_17 Datasheet
547Kb / 2P
   Glass passivation Ultra Fast Recovery Rectifier Assembly
HVR5510F08 GETEDZ-HVR5510F08 Datasheet
522Kb / 2P
   Glass passivation Ultra Fast Recovery Rectifier Assembly
HVR5510F12 GETEDZ-HVR5510F12 Datasheet
522Kb / 2P
   Glass passivation Ultra Fast Recovery Rectifier Assembly
HVG6A150 GETEDZ-HVG6A150 Datasheet
544Kb / 2P
   Glass passivation Ultra Fast Recovery Rectifier Assembly
HVR5510F15 GETEDZ-HVR5510F15 Datasheet
522Kb / 2P
   Glass passivation Ultra Fast Recovery Rectifier Assembly
logo
Compact Technology Corp...
F16C20C CTC-F16C20C Datasheet
185Kb / 2P
   FAST Recovery Rectifiers Glass Passivation
PR1001G CTC-PR1001G Datasheet
64Kb / 2P
   FAST RECOVERY RECTIFIERS GLASS PASSIVATION JUNCTION
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com