Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE337-72 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PE337-72
Description  TECHNICAL DATA SHEET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE337-72 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE337-72 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE337-72 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE337-72 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE337-72 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE337-72 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
4
Plotted and Other Data
Notes:
• Values at +25 °C, sea level
N Male to SMA Male with Reduced Diameter SMA Body Low Loss Test Cable 72 Inch Length Using PE-P300LL Coax,
RoHS from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and
millimeter wave products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Male to SMA Male with Reduced Diameter SMA Body Low Loss Test Cable 72 Inch Length
Using PE-P300LL Coax, RoHS PE337-72
URL: http://www.pasternack.com/n-male-sma-male-pe-p300ll-cable-assembly-pe337-72-p.aspx
PE337-72 REV 1.0
PE337-72
N Male to SMA Male with Reduced Diameter SMA Body Low
Loss Test Cable 72 Inch Length Using PE-P300LL Coax, RoHS


Similar Part No. - PE337-72

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE337-100CM PASTERNACK-PE337-100CM Datasheet
415Kb / 5P
   RF Cable Assemblies Technical Data Sheet
PE337-12 PASTERNACK-PE337-12 Datasheet
415Kb / 5P
   RF Cable Assemblies Technical Data Sheet
PE337-120 PASTERNACK-PE337-120 Datasheet
474Kb / 5P
   TECHNICAL DATA SHEET
PE337-150CM PASTERNACK-PE337-150CM Datasheet
415Kb / 5P
   RF Cable Assemblies Technical Data Sheet
PE337-200CM PASTERNACK-PE337-200CM Datasheet
415Kb / 5P
   RF Cable Assemblies Technical Data Sheet
More results

Similar Description - PE337-72

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A3595 PASTERNACK-PE15A3595_17 Datasheet
450Kb / 6P
   TECHNICAL DATA SHEET
PE15A3900 PASTERNACK-PE15A3900_17 Datasheet
421Kb / 6P
   TECHNICAL DATA SHEET
PE-020SR PASTERNACK-PE-020SR Datasheet
305Kb / 3P
   TECHNICAL DATA SHEET
PE70A5005 PASTERNACK-PE70A5005 Datasheet
560Kb / 6P
   TECHNICAL DATA SHEET
PE70A5011 PASTERNACK-PE70A5011 Datasheet
561Kb / 6P
   TECHNICAL DATA SHEET
PE70A5012 PASTERNACK-PE70A5012 Datasheet
557Kb / 6P
   TECHNICAL DATA SHEET
PE15A4029 PASTERNACK-PE15A4029 Datasheet
490Kb / 7P
   TECHNICAL DATA SHEET
PE15A4040 PASTERNACK-PE15A4040 Datasheet
442Kb / 6P
   TECHNICAL DATA SHEET
PE15A8007 PASTERNACK-PE15A8007 Datasheet
435Kb / 5P
   TECHNICAL DATA SHEET
PE15A3270 PASTERNACK-PE15A3270 Datasheet
465Kb / 9P
   TECHNICAL DATA SHEET
PE15A3295 PASTERNACK-PE15A3295 Datasheet
447Kb / 6P
   TECHNICAL DATA SHEET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com