Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE309-120 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE309-120
Description  TECHNICAL DATA SHEET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE309-120 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE309-120 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE309-120 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE309-120 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
SMA Male to TNC Male Right Angle Precision Cable 120 Inch Length Using 160 Series Coax
Configuration
Connector 1
SMA Male
Connector 2
TNC Male Right Angle
Cable Type
160 Series
Impedance, Ohms
50
Maximum VSWR
1.4:1
Mechanical Specifications
Cable Assembly
Cable Type
160 Series
Temperature
Temperature Operating Range, deg C
-48 to +204
Size
Length, in [cm]
120 [304.8]
Diameter, in [mm]
0.17 [4.32]
.
Weight, lbs [g]
0.038 [17.24]
Cable Color
Blue
Repeated Minimum Bend Radius, in [mm]
1 [25.4]
Cable
No of Shields
3
Dielectric Type
PTFE
Jacket Material
FEP
Jacket Diameter, in [mm]
0.163 [4.14]
Connector 1
Type
SMA Male
Configuration
Straight
Connector 2
Type
TNC Male Right Angle
Configuration
RightAngle
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventoryandcertifications: SMA Male to TNC Male Right Angle Precision Cable 120 Inch Length Using 160 Series Coax
PE309-120
PE309-120 REV
PE309-120
SMA Male to TNC Male Right Angle Precision Cable
120 Inch Length Using 160 Series Coax


Similar Part No. - PE309-120

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE309-12 PASTERNACK-PE309-12 Datasheet
239Kb / 4P
   SMA Male to TNC Male Right Angle Precision Cable 12 Inch Length Using 160 Series Coax, RoHS
More results

Similar Description - PE309-120

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A3595 PASTERNACK-PE15A3595_17 Datasheet
450Kb / 6P
   TECHNICAL DATA SHEET
PE15A3900 PASTERNACK-PE15A3900_17 Datasheet
421Kb / 6P
   TECHNICAL DATA SHEET
PE-020SR PASTERNACK-PE-020SR Datasheet
305Kb / 3P
   TECHNICAL DATA SHEET
PE70A5005 PASTERNACK-PE70A5005 Datasheet
560Kb / 6P
   TECHNICAL DATA SHEET
PE70A5011 PASTERNACK-PE70A5011 Datasheet
561Kb / 6P
   TECHNICAL DATA SHEET
PE70A5012 PASTERNACK-PE70A5012 Datasheet
557Kb / 6P
   TECHNICAL DATA SHEET
PE15A4029 PASTERNACK-PE15A4029 Datasheet
490Kb / 7P
   TECHNICAL DATA SHEET
PE15A4040 PASTERNACK-PE15A4040 Datasheet
442Kb / 6P
   TECHNICAL DATA SHEET
PE15A8007 PASTERNACK-PE15A8007 Datasheet
435Kb / 5P
   TECHNICAL DATA SHEET
PE15A3270 PASTERNACK-PE15A3270 Datasheet
465Kb / 9P
   TECHNICAL DATA SHEET
PE15A3295 PASTERNACK-PE15A3295 Datasheet
447Kb / 6P
   TECHNICAL DATA SHEET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com