Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1087LU-402 Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS1087LU-402
Description  3.3V Spread-Spectrum EconOscillator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1087LU-402 Datasheet(HTML) 7 Page - Dallas Semiconductor

Back Button DS1087LU-402 Datasheet HTML 3Page - Dallas Semiconductor DS1087LU-402 Datasheet HTML 4Page - Dallas Semiconductor DS1087LU-402 Datasheet HTML 5Page - Dallas Semiconductor DS1087LU-402 Datasheet HTML 6Page - Dallas Semiconductor DS1087LU-402 Datasheet HTML 7Page - Dallas Semiconductor DS1087LU-402 Datasheet HTML 8Page - Dallas Semiconductor DS1087LU-402 Datasheet HTML 9Page - Dallas Semiconductor DS1087LU-402 Datasheet HTML 10Page - Dallas Semiconductor DS1087LU-402 Datasheet HTML 11Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
3.3V Spread-Spectrum EconOscillator
_____________________________________________________________________
7
Pin Description
PIN
NAME
FUNCTION
1
OUT
Oscillator Output
2
SPRD
Dither Enable. When the pin is high, the dither is enabled. When the pin is low, the dither is disabled.
3VCC
Power Supply
4
GND
Ground
5OE
Output Enable. When the pin is high, the output buffer is enabled. When the pin is low, the output is
disabled but the internal master oscillator is still on.
6
PDN
Power-Down. When the pin is high, the master oscillator is enabled. When the pin is low, the master
oscillator is disabled (power-down mode).
7
SDA
2-Wire Serial Data. This pin is for serial data transfer to and from the device.
8
SCL
2-Wire Serial Clock. This pin is used to clock data into and out of the device.
Figure 1. Functional Diagram
SDA
SCL
2-WIRE
INTERFACE
VCC
EEPROM CONTROL
REGISTERS
PRESCALER
ADDR
SPRD
PDN
OUT
OE
TRIANGLE WAVE
GENERATOR
FACTORY-PROGRAMMED
OSCILLATOR
PRESCALER
BY 1, 2, 4...256
GND
MASTER
OSCILLATOR
OUTPUT
DITHER SIGNAL
DITHER
CONTROL
DS1087L


Similar Part No. - DS1087LU-402

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1087LU-402 MAXIM-DS1087LU-402 Datasheet
160Kb / 12P
   3.3V Spread-Spectrum EconOscillator
Rev 1; 11/03
More results

Similar Description - DS1087LU-402

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1086L MAXIM-DS1086L Datasheet
266Kb / 16P
   3.3V Spread-Spectrum EconOscillator
Rev 0; 11/03
DS1086L_1203 MAXIM-DS1086L_1203 Datasheet
237Kb / 17P
   3.3V Spread-Spectrum EconOscillator
Rev 2; 3/12
DS1086L MAXIM-DS1086L_07 Datasheet
225Kb / 16P
   3.3V Spread-Spectrum EconOscillator
Rev 1; 9/07
DS1087L MAXIM-DS1087L Datasheet
160Kb / 12P
   3.3V Spread-Spectrum EconOscillator
Rev 1; 11/03
DS1089L MAXIM-DS1089L_V01 Datasheet
1Mb / 13P
   3.3V Center Spread-Spectrum EconOscillator?
19-7501; Rev 3; 2/15
DS1086_1203 MAXIM-DS1086_1203 Datasheet
200Kb / 15P
   Spread-Spectrum EconOscillator
Rev 2; 3/12
DS1094L MAXIM-DS1094L Datasheet
496Kb / 12P
   Multiphase Spread-Spectrum EconOscillator
19-7628; Rev 2; 5/15
logo
Dallas Semiconductor
DS1086 DALLAS-DS1086 Datasheet
229Kb / 14P
   DS1086 Spread-Spectrum EconOscillator
DS1094L DALLAS-DS1094L Datasheet
590Kb / 11P
   Multiphase Spread-Spectrum EconOscillator
logo
Maxim Integrated Produc...
DS1090 MAXIM-DS1090_V01 Datasheet
479Kb / 9P
   Low-Frequency, Spread-Spectrum EconOscillator
19-7500; Rev 3; 9/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com