Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DG333A Datasheet(PDF) 4 Page - Vishay Siliconix

Part No. DG333A
Description  Precision Quad SPDT Analog Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG333A Datasheet(HTML) 4 Page - Vishay Siliconix

  DG333A Datasheet HTML 1Page - Vishay Siliconix DG333A Datasheet HTML 2Page - Vishay Siliconix DG333A Datasheet HTML 3Page - Vishay Siliconix DG333A Datasheet HTML 4Page - Vishay Siliconix DG333A Datasheet HTML 5Page - Vishay Siliconix DG333A Datasheet HTML 6Page - Vishay Siliconix DG333A Datasheet HTML 7Page - Vishay Siliconix DG333A Datasheet HTML 8Page - Vishay Siliconix DG333A Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
DG333A/333AL
Vishay Siliconix
www.vishay.com
S FaxBack 408-970-5600
4-4
Document Number: 70803
S-52433—Rev. B, 06-Sep-99
SPECIFICATIONS (UNIPOLAR SUPPLIES)
Test Conditions
Unless Otherwise Specified
V12 V V
0 V
Limits
D Suffix –40 to 85
_C
Parameter
Symbol
V+ = 12 V, V– = –0 V
TA = 25_C
Tempa
Minb
Typc
Maxb
Unit
Analog Switch
Analog Signal Ranged
VANALOG
Full
V–
V+
V
Channel On-Resistance
rDS(on)
IS = –10 mA, VD = 10, 1 V
Room
35
75
W
Source Off Leakage Current
IS(off)
VD = 11 V, VS(open) = 1 V
Room
0.25
A
Channel On Leakage Current
ID(on)
VD = 11 V, VS(open) = 0 V
VD = 1 V, VS(open) = V+
Room
0.75
nA
Dynamic Characteristics
Turn-On Time
tON
See Switching Times Test Circuit
Room
90
Turn-Off Time
tOFF
See Switching Times Test Circuit
Figure 2
Room
45
ns
Break-Before-Make Time Delay
tD
See Figure 3
Room
5
10
Power Supplies
Positive Supply Current
I+
DG333A: VIN = 0 or 5 V
Room
200
A
Positive Supply Current
I+
DG333A: VIN = 0 or 5 V
Room
1
mA
Positive Supply Current
I+
DG333AL: VIN = 0 or 5 V, VL = 5 V
Room
1
mA
Logic Supply Current
IL
DG333AL: VIN = 0 or 5 V, VL = 5 V
Room
1
Positive Supply Range
V+
Room
5
40
V
Notes:
a.
Room = 25
_C, Full = as determined by the operating temperature suffix.
b.
The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
c.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
d.
Guaranteed by design, not subject to production test.
e.
VIN = input voltage to perform proper function.
f.
On-resistance match and flatness are guaranteed only for bipolar supply operation.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
10
15
20
25
30
35
40
–20
–15
–10
–5
0
5
10
15
20
10
15
20
25
30
35
40
–15
–10
–5
0
5
10
15
rDS(on) vs. VD (Dual Supply)
rDS(on) vs. VD and Temperature (Dual Supply)
"20 V
"15 V
"7.5 V
VD – Drain Voltage (V)
125
_C
85
_C
70
_C
25
_C
0
_C
–40
_C
–55
_C
"10 V


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn