Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DG333A Datasheet(PDF) 6 Page - Vishay Siliconix

Part No. DG333A
Description  Precision Quad SPDT Analog Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG333A Datasheet(HTML) 6 Page - Vishay Siliconix

  DG333A Datasheet HTML 1Page - Vishay Siliconix DG333A Datasheet HTML 2Page - Vishay Siliconix DG333A Datasheet HTML 3Page - Vishay Siliconix DG333A Datasheet HTML 4Page - Vishay Siliconix DG333A Datasheet HTML 5Page - Vishay Siliconix DG333A Datasheet HTML 6Page - Vishay Siliconix DG333A Datasheet HTML 7Page - Vishay Siliconix DG333A Datasheet HTML 8Page - Vishay Siliconix DG333A Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
DG333A/333AL
Vishay Siliconix
www.vishay.com
S FaxBack 408-970-5600
4-6
Document Number: 70803
S-52433—Rev. B, 06-Sep-99
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
"10
"11
"12
"13
"14
"15 "16
80
70
60
50
40
V– = 0 V
VIN = 3 V
tOFF
tON
Switching Time vs. Supply Voltages
Supply Voltage (V)
130
120
100
50
30
10
11
12
13
14
15
16
110
90
40
60
80
70
V– = 0 V
VIN = 3 V
tOFF
tON
Switching Time vs. V+
V+ Supply Voltage (V)
Power Supply Currents
vs. Switching Frequency
f – Frequency (Hz)
100
10 k
1 M
10 M
V+ = 15 V, V– = –15 V
VIN = 5 V, 50% D Cycle
I+, I–
IL
10 mA
1 mA
100
mA
10
mA
1
mA
100 nA
1 k
100 k
Crosstalk and Off Isolation vs. Frequency
f – Frequency (Hz)
100
140
120
100
0
80
60
40
20
Source 2
Source 1
10 k
1 M
100 M
V+ = 15 V
V– = –15 V
1 k
100 k
10 M
Supply Current vs. Temperature
Temperature (
_C)
–55
–40
120
100 nA
10 nA
1 nA
0.1 pA
100 pA
10 pA
1 pA
–20
0
20
40
60
80
100
I+, I–
1
mA
V+ = 16.5 V, V– = –16.5 V
VIN = 0 V
IGND


Similar Part No. - DG333A

ManufacturerPart No.DatasheetDescription
Vishay Siliconix
Vishay Siliconix
DG333A VISHAY-DG333A Datasheet
136Kb / 12P
   Precision Quad SPDT Analog Switch
DG333A VISHAY-DG333A Datasheet
160Kb / 12P
   Precision Quad SPDT Analog Switch
08-Feb-17
DG333ADJ VISHAY-DG333ADJ Datasheet
136Kb / 12P
   Precision Quad SPDT Analog Switch
DG333ADJ-E3 VISHAY-DG333ADJ-E3 Datasheet
158Kb / 12P
   Precision Quad SPDT Analog Switch
DG333ADQ-T1-E3 VISHAY-DG333ADQ-T1-E3 Datasheet
158Kb / 12P
   Precision Quad SPDT Analog Switch
More results

Similar Description - DG333A

ManufacturerPart No.DatasheetDescription
Vishay Siliconix
Vishay Siliconix
DG333ADW-T1-E3 VISHAY-DG333ADW-T1-E3 Datasheet
158Kb / 12P
   Precision Quad SPDT Analog Switch
DG333A VISHAY-DG333A_V01 Datasheet
160Kb / 12P
   Precision Quad SPDT Analog Switch
08-Feb-17
DG333A VISHAY-DG333A_11 Datasheet
136Kb / 12P
   Precision Quad SPDT Analog Switch
Maxim Integrated Products
Maxim Integrated Produc...
MAX333A MAXIM-MAX333A Datasheet
110Kb / 8P
   Precision, Quad, SPDT, CMOS Analog Switch
Rev 1; 6/99
Pericom Semiconductor Corporation
Pericom Semiconductor C...
PS394 PERICOM-PS394 Datasheet
332Kb / 8P
   Precision, Quad, SPDT, 17V Analog Switch
PI5A100 PERICOM-PI5A100 Datasheet
512Kb / 12P
   Precision, Wide-Bandwidth Quad SPDT Analog Switch
PI5A100QEX PERICOM-PI5A100QEX Datasheet
518Kb / 12P
   Precision, Wide-Bandwidth Quad SPDT Analog Switch
SG Micro Corp
SG Micro Corp
SGM3699 SGMICRO-SGM3699_15 Datasheet
354Kb / 12P
   Quad, SPDT Analog Switch
Maxim Integrated Products
Maxim Integrated Produc...
MAX333SM MAXIM-MAX333SM Datasheet
25Kb / 4P
   QUAD, SPDT, CMOS ANALOG SWITCH
Rev. C
MAX333 MAXIM-MAX333 Datasheet
142Kb / 4P
   Quad SPDT CMOS Analog Switch
More results


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz