Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C4292-15ASC Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C4292-15ASC
Description  64K/128K x 9 Deep Sync FIFOs with Retransmit and Depth Expansion
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C4292-15ASC Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C4292-15ASC Datasheet HTML 1Page - Cypress Semiconductor CY7C4292-15ASC Datasheet HTML 2Page - Cypress Semiconductor CY7C4292-15ASC Datasheet HTML 3Page - Cypress Semiconductor CY7C4292-15ASC Datasheet HTML 4Page - Cypress Semiconductor CY7C4292-15ASC Datasheet HTML 5Page - Cypress Semiconductor CY7C4292-15ASC Datasheet HTML 6Page - Cypress Semiconductor CY7C4292-15ASC Datasheet HTML 7Page - Cypress Semiconductor CY7C4292-15ASC Datasheet HTML 8Page - Cypress Semiconductor CY7C4292-15ASC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
CY7C4282
CY7C4292
Document #: 38-06009 Rev. *B
Page 2 of 16
Selection Guide
7C4282/92-10
7C4282/92-15
7C4282/92-25
Unit
Maximum Frequency
100
66.7
40
MHz
Maximum Access Time
8
10
15
ns
Minimum Cycle Time
10
15
25
ns
Minimum Data or Enable Set-up
3
4
6
ns
Minimum Data or Enable Hold
0.5
1
1
ns
Maximum Flag Delay
8
10
15
ns
Active Power Supply Current (ICC)
Commercial
404040
mA
Industrial
45
CY7C4282
CY7C4292
Density
64k x 9
128k x 9
Package
64-pin 10x10 STQFP
64-pin 10x10 STQFP
Pin Configuration
STQFP
Top View
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
16
CY7C4282
CY7C4292
WEN
RS
D8
D7
D6
N/C
N/C
N/C
N/C
N/C
N/C
D5
N/C
D2
D4
D3
Q5
Q4
GND
Q3
Q2
VCC
Q1
Q0
GND
N/C
FF
OE
EF
N/C
GND
FL/RT
Pin Definitions
Signal
Name
Description
I/O
Description
D0 − 8
Data Inputs
I
Data Inputs for 9-bit bus.
Q0 − 8
Data Outputs
O Data Outputs for 9-bit bus.
WEN
Write Enable
I
The only write enable when device is configured to have programmable flags. Data is
written on a LOW-to-HIGH transition of WCLK when WEN is asserted and FF is HIGH.
REN
Read Enable
I
Enables the device for Read operation. REN must be asserted LOW to allow a read
operation.
WCLK
Write Clock
I
The rising edge clocks data into the FIFO when WEN is LOW and the FIFO is not Full. When
LD is asserted, WCLK writes data into the programmable flag-offset register.


Similar Part No. - CY7C4292-15ASC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4292V CYPRESS-CY7C4292V Datasheet
240Kb / 15P
   64K/128Kx9 Low Voltage Deep Sync FIFOs w/ Retransmit & Depth Expansion
CY7C4292V CYPRESS-CY7C4292V Datasheet
219Kb / 15P
   64K/128K x 9 Low-Voltage Deep Sync FIFOs with Retransmit and Depth Expansion
CY7C4292V-10ASC CYPRESS-CY7C4292V-10ASC Datasheet
240Kb / 15P
   64K/128Kx9 Low Voltage Deep Sync FIFOs w/ Retransmit & Depth Expansion
CY7C4292V-10ASC CYPRESS-CY7C4292V-10ASC Datasheet
219Kb / 15P
   64K/128K x 9 Low-Voltage Deep Sync FIFOs with Retransmit and Depth Expansion
CY7C4292V-15ASC CYPRESS-CY7C4292V-15ASC Datasheet
240Kb / 15P
   64K/128Kx9 Low Voltage Deep Sync FIFOs w/ Retransmit & Depth Expansion
More results

Similar Description - CY7C4292-15ASC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4282V CYPRESS-CY7C4282V_03 Datasheet
219Kb / 15P
   64K/128K x 9 Low-Voltage Deep Sync FIFOs with Retransmit and Depth Expansion
CY7C4282V CYPRESS-CY7C4282V Datasheet
240Kb / 15P
   64K/128Kx9 Low Voltage Deep Sync FIFOs w/ Retransmit & Depth Expansion
CY7C4291 CYPRESS-CY7C4291 Datasheet
199Kb / 16P
   64K/128K x 9 Deep Sync FIFOs
CY7C4281 CYPRESS-CY7C4281_05 Datasheet
430Kb / 16P
   64K/128K x 9 Deep Sync FIFOs
CY7C4261V CYPRESS-CY7C4261V Datasheet
205Kb / 16P
   16K/32K/64K/128K x 9 Low-Voltage Deep Sync FIFOs
CY7C4261V CYPRESS-CY7C4261V_05 Datasheet
453Kb / 16P
   16K/32K/64K/128K x 9 Low-Voltage Deep Sync??FIFOs
CY7C4261 CYPRESS-CY7C4261 Datasheet
278Kb / 18P
   16K/32K x 9 Deep Sync FIFOs
CY7C4261 CYPRESS-CY7C4261_05 Datasheet
840Kb / 18P
   16K/32K x 9 Deep Sync FIFOs
CY7C4255 CYPRESS-CY7C4255_09 Datasheet
655Kb / 23P
   8K/16K x 18 Deep Sync FIFOs
CY7C4255 CYPRESS-CY7C4255 Datasheet
361Kb / 22P
   8K/16K x 18 Deep Sync FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com