Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE3TC0102-72 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PE3TC0102-72
Description  RF Cable Assemblies Technical Data Sheet
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3TC0102-72 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE3TC0102-72 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3TC0102-72 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3TC0102-72 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3TC0102-72 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3TC0102-72 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
How to Order
Part Number Configuration:
PE3TC0102
-
xx
uu
|
|
|
Unit of Measure:
|
|
cm = Centimeters
|
|
<blank> = Inches
|
Length
|
Base Number
Example:
PE3TC0102-12 = 12 inches long cable
PE3TC0102-100cm = 100 cm long cable
PE-TC195 Series Phase Stable Test Cable SMA Male to SMA Female to 18 GHz 72 Inch Length ,RoHS from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products
maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: PE-TC195 Series Phase Stable Test Cable SMA Male to SMA Female to 18 GHz 72 Inch Length
,RoHS PE3TC0102-72
URL: http://www.pasternack.com/sma-male-sma-female-.80-cable-assembly-pe3tc0102-72-p.aspx
PE3TC0102-72 REV 1.0
RF Cable Assemblies Technical Data Sheet
PE-TC195 Series Phase Stable Test Cable SMA Male
to SMA Female to 18 GHz 72 Inch Length ,RoHS
PE3TC0102-72


Similar Part No. - PE3TC0102-72

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3TC0102-24 PASTERNACK-PE3TC0102-24 Datasheet
676Kb / 5P
   RF Cable Assemblies Technical Data Sheet
PE3TC0102-48 PASTERNACK-PE3TC0102-48 Datasheet
676Kb / 5P
   RF Cable Assemblies Technical Data Sheet
More results

Similar Description - PE3TC0102-72

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C4465-48 PASTERNACK-PE3C4465-48 Datasheet
449Kb / 5P
   RF Cable Assemblies Technical Data Sheet
PE3C4481-6 PASTERNACK-PE3C4481-6 Datasheet
462Kb / 5P
   RF Cable Assemblies Technical Data Sheet
PE3C4485-24 PASTERNACK-PE3C4485-24 Datasheet
465Kb / 5P
   RF Cable Assemblies Technical Data Sheet
PE3C4488 PASTERNACK-PE3C4488 Datasheet
465Kb / 5P
   RF Cable Assemblies Technical Data Sheet
PE3C4488-6 PASTERNACK-PE3C4488-6 Datasheet
466Kb / 5P
   RF Cable Assemblies Technical Data Sheet
PE3CA1037-24 PASTERNACK-PE3CA1037-24 Datasheet
473Kb / 6P
   RF Cable Assemblies Technical Data Sheet
PE3CA1038-12 PASTERNACK-PE3CA1038-12 Datasheet
470Kb / 6P
   RF Cable Assemblies Technical Data Sheet
PE3CA1039-50CM PASTERNACK-PE3CA1039-50CM Datasheet
472Kb / 6P
   RF Cable Assemblies Technical Data Sheet
PE3CA1041-50CM PASTERNACK-PE3CA1041-50CM Datasheet
485Kb / 6P
   RF Cable Assemblies Technical Data Sheet
PE3CA1042-100CM PASTERNACK-PE3CA1042-100CM Datasheet
480Kb / 6P
   RF Cable Assemblies Technical Data Sheet
PE3CA1045-24 PASTERNACK-PE3CA1045-24 Datasheet
459Kb / 6P
   RF Cable Assemblies Technical Data Sheet
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com