Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62127BVLL-70ZI Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY62127BVLL-70ZI
Description  64K x 16 Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62127BVLL-70ZI Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY62127BVLL-70ZI Datasheet HTML 1Page - Cypress Semiconductor CY62127BVLL-70ZI Datasheet HTML 2Page - Cypress Semiconductor CY62127BVLL-70ZI Datasheet HTML 3Page - Cypress Semiconductor CY62127BVLL-70ZI Datasheet HTML 4Page - Cypress Semiconductor CY62127BVLL-70ZI Datasheet HTML 5Page - Cypress Semiconductor CY62127BVLL-70ZI Datasheet HTML 6Page - Cypress Semiconductor CY62127BVLL-70ZI Datasheet HTML 7Page - Cypress Semiconductor CY62127BVLL-70ZI Datasheet HTML 8Page - Cypress Semiconductor CY62127BVLL-70ZI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
CY62127BV
Document #: 38-05155 Rev. **
Page 5 of 11
Data Retention Characteristics (Over the Operating Range for “L” and “LL” version only)
Parameter
Description
Conditions[9]
Min.
Typ
Max.
Unit
VDR
VCC for Data Retention
2.0
3.6
V
ICCDR
Data Retention Current
VCC = VDR = 2.0V,
CE > VCC-0.3V,
VIN > VCC - 0.3V or,
VIN < 0.3V.
0.5
15
µA
tCDR
[4]
Chip Deselect to Data Retention Time
0
ns
tR
Operation Recovery Time
tRC
ns
Data Retention Waveform
Switching Waveforms
Read Cycle No.1[10, 11]
Notes:
9.
No input may exceed VCC + 0.3V.
10. Device is continuously selected. OE, CE, BHE, BLE = VIL.
11. WE is HIGH for read cycle.
62127BV–5
3.0V
3.0V
tCDR
VDR > 2V
DATA RETENTION MODE
tR
CE
V
CC
PREVIOUS DATA VALID
DATA VALID
tRC
tAA
tOHA
62127BV-6
ADDRESS
DATA OUT


Similar Part No. - CY62127BVLL-70ZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62127BV CYPRESS-CY62127BV_02 Datasheet
347Kb / 11P
   1M (64K x 16) Static RAM
More results

Similar Description - CY62127BVLL-70ZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62126BV CYPRESS-CY62126BV Datasheet
188Kb / 9P
   64K x 16 Static RAM
logo
Weida Semiconductor, In...
WCFS1016C1C WEIDA-WCFS1016C1C Datasheet
185Kb / 9P
   64K x 16 Static RAM
logo
Cypress Semiconductor
CY7C1021BNV33 CYPRESS-CY7C1021BNV33 Datasheet
534Kb / 10P
   64K x 16 Static RAM
CY7C1021CV33 CYPRESS-CY7C1021CV33 Datasheet
231Kb / 12P
   64K x 16 Static RAM
CY7C1021BNV33 CYPRESS-CY7C1021BNV33_09 Datasheet
521Kb / 10P
   64K x 16 Static RAM
CY7C1021 CYPRESS-CY7C1021 Datasheet
181Kb / 9P
   64K x 16 Static RAM
CY7C1021BNV33 CYPRESS-CY7C1021BNV33_10 Datasheet
727Kb / 11P
   64K x 16 Static RAM
logo
Weida Semiconductor, In...
WCMA1016U4X WEIDA-WCMA1016U4X Datasheet
308Kb / 11P
   64K x 16 Static RAM
WCFS1016V1C WEIDA-WCFS1016V1C Datasheet
187Kb / 9P
   64K x 16 Static RAM
logo
Cypress Semiconductor
CY7C1021BV33 CYPRESS-CY7C1021BV33 Datasheet
239Kb / 11P
   64K x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com