Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C056V-15BBC Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C056V-15BBC
Description  3.3V 16K/32K x 36 FLEx36 Asynchronous Dual-Port Static RAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C056V-15BBC Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C056V-15BBC Datasheet HTML 1Page - Cypress Semiconductor CY7C056V-15BBC Datasheet HTML 2Page - Cypress Semiconductor CY7C056V-15BBC Datasheet HTML 3Page - Cypress Semiconductor CY7C056V-15BBC Datasheet HTML 4Page - Cypress Semiconductor CY7C056V-15BBC Datasheet HTML 5Page - Cypress Semiconductor CY7C056V-15BBC Datasheet HTML 6Page - Cypress Semiconductor CY7C056V-15BBC Datasheet HTML 7Page - Cypress Semiconductor CY7C056V-15BBC Datasheet HTML 8Page - Cypress Semiconductor CY7C056V-15BBC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
CY7C056V
CY7C057V
Document #: 38-06055 Rev. **
Page 5 of 23
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature .................................–65
°C to +150°C
Ambient Temperature with
Power Applied.............................................–55
°C to +125°C
Supply Voltage to Ground Potential ............... –0.5V to +4.6V
DC Voltage Applied to
Outputs in High Z State ...........................–0.5V to VDD+0.5V
DC Input Voltage...................................–0.5V to VDD+0.5V
[6]
Output Current into Outputs (LOW)............................. 20 mA
Static Discharge Voltage .......................................... >2001V
Latch-Up Current .................................................... >200 mA
Shaded areas contain advance information.
Note:
6.
Pulse width < 20 ns.
Selection Guide
CY7C056V
CY7C057V
-12
CY7C056V
CY7C057V
-15
CY7C056V
CY7C057V
-20
Maximum Access Time (ns)
12
15
20
Typical Operating Current (mA)
250
240
230
Typical Standby Current for ISB1 (mA) (Both Ports TTL Level)
55
50
45
Typical Standby Current for ISB3 (µA) (Both Ports CMOS
Level)
10
µA
10
µA
10
µA
Pin Definitions
Left Port
Right Port
Description
A0L–A13/14L
A0R–A13/14R
Address (A0–A13 for 16K; A0–A14 for 32K devices)
SEML
SEMR
Semaphore Enable
CE0L, CE1L
CE0R, CE1R
Chip Enable (CE is LOW when CE0 ≤ VIL and CE1 ≥ VIH)
INTL
INTR
Interrupt Flag
BUSYL
BUSYR
Busy Flag
I/O0L–I/O35L
I/O0R–I/O35R
Data Bus Input/Output
OEL
OER
Output Enable
R/WL
R/WR
Read/Write Enable
B0–B3
Byte Select Inputs. Asserting these signals enables read and write oper-
ations to the corresponding bytes of the memory array.
BM, SIZE
See Bus Matching for details.
WA, BA
See Bus Matching for details.
M/S
Master or Slave Select
VSS
Ground
VDD
Power
Operating Range
Range
Ambient
Temperature
VDD
Commercial
0
°C to +70°C
3.3V
± 165 mV
Industrial
–40
°C to +85°C
3.3V
± 165 mV


Similar Part No. - CY7C056V-15BBC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C056V-15BBC CYPRESS-CY7C056V-15BBC Datasheet
695Kb / 23P
   3.3V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static
More results

Similar Description - CY7C056V-15BBC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C056V CYPRESS-CY7C056V Datasheet
280Kb / 22P
   3.3V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
CY7C056V CYPRESS-CY7C056V_05 Datasheet
695Kb / 23P
   3.3V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static
CY7C056V CYPRESS-CY7C056V_12 Datasheet
434Kb / 27P
   3.3 V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
CY7C056V CYPRESS-CY7C056V_11 Datasheet
719Kb / 26P
   3.3 V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
logo
Integrated Device Techn...
IDT70V657S IDT-IDT70V657S Datasheet
194Kb / 23P
   HIGH-SPEED 3.3V 32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C09569V CYPRESS-CY7C09569V Datasheet
700Kb / 30P
   3.3V 16K/32K x 36 FLE x 36-TM Synchronous Dual-Port Static RAM
logo
Renesas Technology Corp
70V659 RENESAS-70V659 Datasheet
321Kb / 26P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
Aug.23.21
logo
List of Unclassifed Man...
IDT70V658S10DRG ETC2-IDT70V658S10DRG Datasheet
200Kb / 24P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
Integrated Device Techn...
IDT70V659 IDT-IDT70V659 Datasheet
200Kb / 24P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V65 IDT-IDT70V65 Datasheet
316Kb / 24P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com