Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY24133ZC-1T Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY24133ZC-1T
Description  MediaClock Digital TV Clock Generator with VCXO
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY24133ZC-1T Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY24133ZC-1T Datasheet HTML 1Page - Cypress Semiconductor CY24133ZC-1T Datasheet HTML 2Page - Cypress Semiconductor CY24133ZC-1T Datasheet HTML 3Page - Cypress Semiconductor CY24133ZC-1T Datasheet HTML 4Page - Cypress Semiconductor CY24133ZC-1T Datasheet HTML 5Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CY24133
PRELIMINARY
Document #: 38-07497 Rev. **
Page 4 of 5
© Cypress Semiconductor Corporation, 2003. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use
of any circuitry other than circuitry embodied in a Cypress Semiconductor product. Nor does it convey or imply any license under patent or other rights. Cypress Semiconductor does not authorize
its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress
Semiconductor products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress Semiconductor against all charges.
Package Drawing and Dimensions
MediaClock is a trademark of Cypress Semiconductor Corporation. All product and company names mentioned in this document
may be the trademarks of their respective holders.
Voltage and Timing Definitions
Figure 1. Duty Cycle Definition
Figure 2. ER = (0.6 x VDD) /t3, EF = (0.6 x VDD) /t4
Ordering Information
Ordering Code
Package Name
Package Type
Operating Range
Operating Voltage
CY24133ZC-1
Z16
16-pin TSSOP
Commercial
3.3V
CY24133ZC-1T
Z16
16-pin TSSOP – Tape and Reel
Commercial
3.3V
Clock
Output
V
DD
50% of V
DD
0V
t
1
t
2
Clock
Output
t
3
t
4
V
DD
80% of V
DD
20% of V
DD
0V
16-lead Thin Shrunk Small Outline Package (4.40 MM Body) Z16
51-85091-**


Similar Part No. - CY24133ZC-1T

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY24130 CYPRESS-CY24130 Datasheet
127Kb / 5P
   HOTLink SMPTE Receiver Training Clock
CY24130 CYPRESS-CY24130 Datasheet
214Kb / 6P
   HOTLink II??SMPTE Receiver Training Clock
CY24130-1 CYPRESS-CY24130-1 Datasheet
127Kb / 5P
   HOTLink SMPTE Receiver Training Clock
CY24130-2 CYPRESS-CY24130-2 Datasheet
127Kb / 5P
   HOTLink SMPTE Receiver Training Clock
CY24130KZXC-1 CYPRESS-CY24130KZXC-1 Datasheet
214Kb / 6P
   HOTLink II??SMPTE Receiver Training Clock
More results

Similar Description - CY24133ZC-1T

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY24212 CYPRESS-CY24212_05 Datasheet
135Kb / 6P
   MediaClock??MPEG Clock Generator with VCXO
CY24212 CYPRESS-CY24212 Datasheet
111Kb / 6P
   MediaClock MPEG Clock Generator with VCXO
CY24119 CYPRESS-CY24119 Datasheet
128Kb / 5P
   MediaClock 27-MHz VCXO Clock Generator
CY24207 CYPRESS-CY24207 Datasheet
46Kb / 6P
   MediaClock PDP Clock Generator
CY24141-3 CYPRESS-CY24141-3 Datasheet
67Kb / 6P
   MediaClock Graphics Clock Generator
CY24142 CYPRESS-CY24142 Datasheet
129Kb / 7P
   MediaClock Multimedia Clock Generator
CY24204 CYPRESS-CY24204 Datasheet
136Kb / 6P
   MediaClock??DTV, STB Clock Generator
CY241V08A-12 CYPRESS-CY241V08A-12 Datasheet
133Kb / 6P
   Clock Generator with VCXO
CY24115 CYPRESS-CY24115 Datasheet
120Kb / 5P
   MediaClock??Mini Disc Clock Generator
CY24206 CYPRESS-CY24206 Datasheet
70Kb / 5P
   MediaClock - TM DTV, STB Clock Generator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com