Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1350F Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C1350F
Description  4-Mb (128K x 36) Pipelined SRAM with Nobl Architecture
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1350F Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C1350F Datasheet HTML 3Page - Cypress Semiconductor CY7C1350F Datasheet HTML 4Page - Cypress Semiconductor CY7C1350F Datasheet HTML 5Page - Cypress Semiconductor CY7C1350F Datasheet HTML 6Page - Cypress Semiconductor CY7C1350F Datasheet HTML 7Page - Cypress Semiconductor CY7C1350F Datasheet HTML 8Page - Cypress Semiconductor CY7C1350F Datasheet HTML 9Page - Cypress Semiconductor CY7C1350F Datasheet HTML 10Page - Cypress Semiconductor CY7C1350F Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
CY7C1350F
Document #: 38-05305 Rev. *A
Page 7 of 16
Partial Truth Table for Read/Write[2, 3, 9]
Function
WE
BWD
BWC
BWB
BWA
Read
H
X
X
X
X
Write
− No bytes written
L
H
H
H
H
Write Byte A
− (DQA and DQPA)
L
HHH
L
Write Byte B
− (DQB and DQPB)L
H
H
L
H
Write Bytes A, B
L
H
H
L
L
Write Byte C
− (DQC and DQPC)L
H
L
H
H
Write Bytes C,A
L
H
L
H
L
Write Bytes C, B
L
H
L
L
H
Write Bytes C, B, A
L
H
L
L
L
Write Byte D
− (DQD and DQPD)L
L
H
H
H
Write Bytes D, A
L
L
H
H
L
Write Bytes D, B
L
L
H
L
H
Write Bytes D, B, A
L
L
H
L
L
Write Bytes D, C
L
L
L
H
H
Write Bytes D, C, A
L
L
L
H
L
Write Bytes D, C, B
L
L
L
L
H
Write All Bytes
L
L
L
L
L
Note:
9. Table only lists a partial listing of the byte write combinations. Any combination of BW[A:D] is valid. Appropriate write will be done on which byte write is active.
ZZ Mode Electrical Characteristics
Parameter
Description
Test Conditions
Min.
Max.
Unit
IDDZZ
Snooze mode standby current
ZZ > VDD − 0.2V
40
mA
tZZS
Device operation to ZZ
ZZ > VDD − 0.2V
2tCYC
ns
tZZREC
ZZ recovery time
ZZ < 0.2V
2tCYC
ns
tZZI
ZZ active to snooze current
This parameter is sampled
2tCYC
ns
tRZZI
ZZ inactive to exit snooze current
This parameter is sampled
0
ns


Similar Part No. - CY7C1350F

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1350B CYPRESS-CY7C1350B Datasheet
200Kb / 14P
   128Kx36 Pipelined SRAM with NoBL Architecture
CY7C1350B-100AC CYPRESS-CY7C1350B-100AC Datasheet
200Kb / 14P
   128Kx36 Pipelined SRAM with NoBL Architecture
CY7C1350B-100AI CYPRESS-CY7C1350B-100AI Datasheet
200Kb / 14P
   128Kx36 Pipelined SRAM with NoBL Architecture
CY7C1350B-133AC CYPRESS-CY7C1350B-133AC Datasheet
200Kb / 14P
   128Kx36 Pipelined SRAM with NoBL Architecture
CY7C1350B-133AI CYPRESS-CY7C1350B-133AI Datasheet
200Kb / 14P
   128Kx36 Pipelined SRAM with NoBL Architecture
More results

Similar Description - CY7C1350F

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1350G CYPRESS-CY7C1350G Datasheet
298Kb / 15P
   4-Mbit (128K x 36) Pipelined SRAM with NoBL Architecture
CY7C1350G CYPRESS-CY7C1350G_06 Datasheet
362Kb / 15P
   4-Mbit (128K x 36) Pipelined SRAM with NoBL??Architecture
CY7C1354B CYPRESS-CY7C1354B Datasheet
475Kb / 29P
   9-Mb (256K x 36/512K x 18) Pipelined SRAM with NoBL Architecture
CY7C1350G CYPRESS-CY7C1350G_13 Datasheet
639Kb / 22P
   4-Mbit (128 K x 36) Pipelined SRAM with NoBL??Architecture
CY7C1351G CYPRESS-CY7C1351G Datasheet
397Kb / 14P
   4-Mbit (128K x 36) Flow-through SRAM with NoBL??Architecture
CY7C1370CV25 CYPRESS-CY7C1370CV25 Datasheet
712Kb / 27P
   512K x 36/1M x 18 Pipelined SRAM with NoBL??Architecture
CY7C1354BV25 CYPRESS-CY7C1354BV25 Datasheet
518Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM with NoBL??Architecture
CY7C1354A CYPRESS-CY7C1354A Datasheet
546Kb / 31P
   256K x 36/512K x 18 Pipelined SRAM with NoBL Architecture
CY7C1354A CYPRESS-CY7C1354A_04 Datasheet
402Kb / 28P
   256K x 36/512K x 18 Pipelined SRAM with NoBL??Architecture
CY7C1370C CYPRESS-CY7C1370C Datasheet
704Kb / 27P
   512K x 36/1M x 18 Pipelined SRAM with NoBL Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com