Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE35421-12 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE35421-12
Description  SMA Male Right Angle to SMA Female Bulkhead
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE35421-12 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE35421-12 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE35421-12 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE35421-12 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
2
Connector 2
Type
SMA Female Bulkhead
Configuration
Straight
Mount Method
Bulkhead
Inner Conductor Material and Plating
Beryllium Copper, Gold
Body Material and Plating
Passivated Stainless Steel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
SMA Male Right Angle to SMA Female Bulkhead Precision Cable Using 150 Series Coax, RoHS from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products
maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male Right Angle to SMA Female Bulkhead Precision Cable Using 150 Series Coax, RoHS
PE35421
URL: http://www.pasternack.com/sma-male-sma-female-150-series-cable-assembly-pe35421-p.aspx
PE35421 REV
PE35421
SMA Male Right Angle to SMA Female Bulkhead
Precision Cable Using 150 Series Coax, RoHS


Similar Part No. - PE35421-12

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE35421-12 PASTERNACK-PE35421-12 Datasheet
329Kb / 3P
   SMA Male Right Angle to SMA Female Bulkhead Precision Cable 12 Inch Length Using 150 Series Coax, RoHS
More results

Similar Description - PE35421-12

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3836LF PASTERNACK-PE3836LF_15 Datasheet
665Kb / 4P
   SMA Male Right Angle to SMA Female Bulkhead Cable
PE9621 PASTERNACK-PE9621 Datasheet
358Kb / 4P
   SMA Male to SMA Female Bulkhead Adapter
PE3835 PASTERNACK-PE3835_15 Datasheet
655Kb / 4P
   SMA Male to SMA Female Bulkhead Cable
PE3835LF PASTERNACK-PE3835LF Datasheet
661Kb / 4P
   SMA Male to SMA Female Bulkhead Cable
PE35475 PASTERNACK-PE35475 Datasheet
231Kb / 3P
   SMA Male to SMA Female Bulkhead Precision
PE3825 PASTERNACK-PE3825 Datasheet
371Kb / 4P
   SMA Male to SMA Female Bulkhead Cable
PE3956 PASTERNACK-PE3956_17 Datasheet
378Kb / 4P
   SMA Male to SMA Female Bulkhead Cable
PE3800 PASTERNACK-PE3800 Datasheet
139Kb / 1P
   CABLE ASSEMBLY RG223/U SMA MALE RIGHT ANGLE TO SMA FEMALE BULKHEAD
PE3836 PASTERNACK-PE3836 Datasheet
290Kb / 1P
   CABLE ASSEMBLY RG316/U SMA MALE RIGHT ANGLE TO SMA FEMALE BULKHEAD
PE38574 PASTERNACK-PE38574 Datasheet
104Kb / 1P
   CABLE ASSEMBLY, PE-C100, SMA MALE RIGHT ANGLE TO SMA FEMALE BULKHEAD
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com