Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UVLED-365-500-SMD Datasheet(PDF) 7 Page - Roithner LaserTechnik GmbH

Part # UVLED-365-500-SMD
Description  High Power UV LED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

UVLED-365-500-SMD Datasheet(HTML) 7 Page - Roithner LaserTechnik GmbH

  UVLED-365-500-SMD Datasheet HTML 1Page - Roithner LaserTechnik GmbH UVLED-365-500-SMD Datasheet HTML 2Page - Roithner LaserTechnik GmbH UVLED-365-500-SMD Datasheet HTML 3Page - Roithner LaserTechnik GmbH UVLED-365-500-SMD Datasheet HTML 4Page - Roithner LaserTechnik GmbH UVLED-365-500-SMD Datasheet HTML 5Page - Roithner LaserTechnik GmbH UVLED-365-500-SMD Datasheet HTML 6Page - Roithner LaserTechnik GmbH UVLED-365-500-SMD Datasheet HTML 7Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
www.roithner-laser.com
7
Precautions
Soldering:
• Do avoid overheating of the LED
• Do avoid electrostatic discharge (ESD)
• Do avoid mechanical stress, shock, and vibration
• Do only use non-corrosive flux
• Do not apply current to the LED until it has cooled down to room temperature after soldering
Recommended soldering conditions:
This LED is designed to be reflow soldered on to a PCB. If dip soldered or hand soldered, its reliability
cannot be guarantee.
Nitrogen reflow soldering is recommended. Air flow soldering conditions can cause optical degradation,
caused by heat and/or atmosphere.
IR Reflow Soldering Profile
(Lead-free Solder)
Recommended Soldering Patterns
Unit: mm
Above table specifies the maximum allowed duration and temperature during soldering. It is
strongly advised to perform soldering at the shortest time and lowest temperature possible.
Cleaning:
Cleaning with isopropyl alcohol, propanol, or ethyl alcohol is recommended
DO NOT USE acetone, chloroseen, trichloroethylene, or MKS
DO NOT USE ultrasonic cleaners
Static Electricity:
LEDs are sensitive to electrostatic discharge (ESD). Precautions against ESD must be taken
when handling or operating these LEDs. Surge voltage or electrostatic discharge can result in
complete failure of the device.
Radiation:
During operation these LEDs do emit high intensity light, which is hazardous to skin and eyes,
and may cause cancer. Do avoid exposure to the emitted light. Protective glasses are
recommended. It is further advised to attach a warning label on products/systems that do utilize
UV-LEDs:
Operation:
Do only operate LEDs with a current source.
Running these LEDs from a voltage source will result in complete failure of the device.
Current of a LED is an exponential function of the voltage across it. Usage of current regulated
drive circuits is mandatory.
© All Rights Reserved
The above specifications are for reference purpose only and subjected to change without prior notice


Similar Part No. - UVLED-365-500-SMD

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
UVLED-365-330-SMD ROITHNER-UVLED-365-330-SMD Datasheet
322Kb / 7P
   High Power UVLED
More results

Similar Description - UVLED-365-500-SMD

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
VL410-EMITTER ROITHNER-VL410-EMITTER Datasheet
694Kb / 3P
   uv high power led
SMB1N-365V ROITHNER-SMB1N-365V Datasheet
705Kb / 4P
   uv high power led
VL390-5050 ROITHNER-VL390-5050 Datasheet
284Kb / 5P
   High Power UV LED
VL400-5050 ROITHNER-VL400-5050 Datasheet
284Kb / 5P
   High Power UV LED
SMB1N-375V-02 ROITHNER-SMB1N-375V-02 Datasheet
750Kb / 4P
   uv high power led
SMB1N-395V ROITHNER-SMB1N-395V Datasheet
703Kb / 4P
   uv high power led
RLCU-440 ROITHNER-RLCU-440 Datasheet
400Kb / 4P
   High Power UV-LED
RLCU-440-400 ROITHNER-RLCU-440-400 Datasheet
668Kb / 5P
   high power uv led
VL380-5050 ROITHNER-VL380-5050 Datasheet
280Kb / 5P
   High Power UV LED
SMB1N-365V-02 ROITHNER-SMB1N-365V-02 Datasheet
699Kb / 4P
   uv high power led
SMB1N-395V-02 ROITHNER-SMB1N-395V-02 Datasheet
767Kb / 4P
   uv high power led
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com