Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

COP912CH Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP912CH
Description  COP912C/COP912CH 8-Bit Microcontroller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP912CH Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button COP912CH Datasheet HTML 5Page - National Semiconductor (TI) COP912CH Datasheet HTML 6Page - National Semiconductor (TI) COP912CH Datasheet HTML 7Page - National Semiconductor (TI) COP912CH Datasheet HTML 8Page - National Semiconductor (TI) COP912CH Datasheet HTML 9Page - National Semiconductor (TI) COP912CH Datasheet HTML 10Page - National Semiconductor (TI) COP912CH Datasheet HTML 11Page - National Semiconductor (TI) COP912CH Datasheet HTML 12Page - National Semiconductor (TI) COP912CH Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Functional Description (Continued)
EXTERNAL EVENT COUNTER MODE
In this mode the timer becomes a 16-bit external event
counter clocked from an input signal applied to the G3 in-
put The maximum frequency for this G3 input clock is
250 kHz (half of the 05 MHz instruction cycle clock) When
the external event counter underflows the value in the au-
toreload register is copied into the timer This timer under-
flow may also be used to generate an interrupt Bit 5 of the
CNTRL register is used to select whether the external event
counter clocks on positive or negative edges from the G3
input Consequently half cycles of an external input signal
could be counted The External Event counter mode is
shown in
Figure 8
TLDD12060 – 11
FIGURE 8 Timer in External Event Mode
INPUT CAPTURE MODE
In this mode the timer counts down at the instruction clock
rate When an external edge occurs on pin G3 the value in
the timer is copied into the capture register Consequently
the time of an external edge on the G3 pin is ‘‘captured’’ Bit
5 of the CNTRL register is used to select the polarity of the
external edge This external edge capture can also be pro-
grammed to generate an interrupt The duration of an input
signal can be computed by capturing the time of the leading
edge saving this captured value changing the capture
edge capturing the time of the trailing edge and then sub-
tracting this trailing edge time from the earlier leading edge
time The Input Capture mode is shown in
Figure 9
TLDD12060 – 12
FIGURE 9 Timer in Input Capture Mode
Table IV below details the TIMER modes of operation and
their associated interrupts Bit 4 of CNTRL is used to start
and stop the timercounter Bits 5 6 and 7 of the CNTRL
register select the timer modes The ENTI (Enable Timer
Interrupt) and TPND (Timer Interrupt Pending) bits in the
PSW register are used to control the timer interrupts
Care must be taken when reading from and writing to the
timer and its associated autoreloadcapture register The
timer and autoreloadcapture register are both 16-bit but
they are read from and written to one byte at a time It is
recommended that the timer be stopped before writing a
new value into it The timer may be read ‘‘on the fly’’ without
stopping it if suitable precautions are taken One method of
reading the timer ‘‘on the fly’’ is to read the upper byte of the
timer first and then read the lower byte If the most signifi-
cant bit of the lower byte is then tested and found to be
high then the upper byte of the timer should be read again
and this new value used
TABLE IV Timer Modes and Control Bits
CNTRL Bits
Operation Mode
Interrupt
Timer
Counts On
Timer
765
0
0
0
External Event Counter with Autoreload Register
Timer Underflow
TIO Positive Edge
0
0
1
External Event Counter with Autoreload Register
Timer Underflow
TIO Negative Edge
0
1
0
Not Allowed
Not Allowed
Not Allowed
0
1
1
Not Allowed
Not Allowed
Not Allowed
1
0
0
Timer with Autoreload Register
Timer Underflow
tc
1
0
1
Timer with Autoreload Regiter and Toggle TIO Out
Timer Underflow
tc
1
1
0
Timer with Capture Register
TIO Positive Edge
tc
1
1
1
Timer with Capture Register
TIO Negative Edge
tc
http
www nationalcom
9


Similar Part No. - COP912CH

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP912CH NSC-COP912CH Datasheet
275Kb / 20P
   8-Bit Microcontroller
More results

Similar Description - COP912CH

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com