Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT4314A Datasheet(PDF) 4 Page - Texas Instruments

Part # PT4314A
Description  6-W Low-Profile Dual-Output Isolated DC/DC Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4314A Datasheet(HTML) 4 Page - Texas Instruments

  PT4314A Datasheet HTML 1Page - Texas Instruments PT4314A Datasheet HTML 2Page - Texas Instruments PT4314A Datasheet HTML 3Page - Texas Instruments PT4314A Datasheet HTML 4Page - Texas Instruments PT4314A Datasheet HTML 5Page - Texas Instruments PT4314A Datasheet HTML 6Page - Texas Instruments PT4314A Datasheet HTML 7Page - Texas Instruments PT4314A Datasheet HTML 8Page - Texas Instruments PT4314A Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
For technical support or further information,visit http://power.ti.com
Note A:
Characteristic data has been developed from actual products tested at 25°C. This data is considered typical data for the Converter.
Note B:
Drift with temperature is normalized to the static output voltage measured at 25°C.
PT4311 (±5V) Characteristic Data (See Note A)
Typical Characteristics
PT4313 (±12V) Characteristic Data (See Note A)
Efficiency vs. Total Output Current ( Io1 + |Io2| )
Output Ripple vs. Load ( Io1 or |Io2| )
Power Dissipation vs. Total Output Current ( Io1 + |Io2| )
50
60
70
80
90
0.2
0.4
0.6
0.8
1
1.2
Io1 + Io2 (A)
38V
53V
75V
VIN
Efficiency vs. Total Output Current ( Io1 + |Io2| )
Output Ripple vs. Load ( Io1 or |Io2| )
Power Dissipation vs Output Current ( Io1 + |Io2| )
0.0
0.4
0.8
1.2
1.6
0.2
0.4
0.6
0.8
1
1.2
Io1 + Io2 (A)
75V
53V
38V
VIN
50
60
70
80
90
0
0.1
0.2
0.3
0.4
0.5
Io1 + Io2 (A)
38V
53V
75V
VIN
0
0.5
1
1.5
2
0
0.1
0.2
0.3
0.4
0.5
Io1 + Io2 (A)
75V
53V
38V
VIN
Temperature Drift; |Io2| =0.2A (See Note B)
PT4310 Series —48V
6-W Low-Profile Dual-Output
Isolated DC/DC Converter
Temperature Drift; |Io2| =0.1A (See Note B)
-150
-100
-50
0
50
100
-50
-25
0
255075
100
Ta (°C)
0.4
0.3
0.2
0.1
Io1 (A)
-50
-25
0
25
50
-50
-25
0
25
50
75
100
Ta (°C)
0.2
0.4
0.6
0.8
1.0
Io1 (A)
SLTS146B - MARCH 2001 - REVISED MAY 2004
0
20
40
60
80
100
0
0.2
0.4
0.6
0.8
1
Io1 : Io2 (A)
38V
53V
75V
VIN
0
20
40
60
80
100
120
0
0.1
0.2
0.3
0.4
0.5
Io1 : Io2 (A)
38V
53V
75V
VIN


Similar Part No. - PT4314A

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PT431 SHARP-PT431 Datasheet
153Kb / 4P
   NARROW ACCEPTANCE, HIGH SENSITIVITY PHOTOTRANSISTOR
logo
Texas Instruments
PT4310 TI1-PT4310 Datasheet
146Kb / 7P
[Old version datasheet]   6-W Low-Profile Dual-Output Isolated DC-DC Converter
PT4311 TI1-PT4311 Datasheet
146Kb / 7P
[Old version datasheet]   6-W Low-Profile Dual-Output Isolated DC-DC Converter
PT4311A TI1-PT4311A Datasheet
146Kb / 7P
[Old version datasheet]   6-W Low-Profile Dual-Output Isolated DC-DC Converter
PT4311B TI1-PT4311B Datasheet
146Kb / 7P
[Old version datasheet]   6-W Low-Profile Dual-Output Isolated DC-DC Converter
More results

Similar Description - PT4314A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4310 TI1-PT4310 Datasheet
146Kb / 7P
[Old version datasheet]   6-W Low-Profile Dual-Output Isolated DC-DC Converter
PT4711 TI-PT4711 Datasheet
337Kb / 13P
[Old version datasheet]   45-W Dual-Output Isolated DC/DC Converter
logo
Bel Fuse Inc.
RDT-6Y BEL-RDT-6Y Datasheet
787Kb / 7P
   6 W Isolated DC-DC Converter
15 December 2022
logo
Texas Instruments
PT4833A TI1-PT4833A Datasheet
760Kb / 33P
[Old version datasheet]   35-W Triple Output Isolated DC/DC Converter
PT4220 TI-PT4220 Datasheet
193Kb / 8P
[Old version datasheet]   10-W Low-Profile 48V-Input Isolated DC/DC Converter
PT4240 TI-PT4240 Datasheet
174Kb / 7P
[Old version datasheet]   10-W Low-Profile 24V-Input Isolated DC/DC Converter
logo
Power Integrations, Inc...
DI-53 POWERINT-DI-53 Datasheet
378Kb / 2P
   50 W DC-DC Dual Output Converter
logo
Bothhand USA, LP.
BP-2405S2 BOTHHAND-BP-2405S2 Datasheet
483Kb / 5P
   2 to 6 Watt Isolated DC-DC Converter Single / Dual Output
BD-1205S2 BOTHHAND-BD-1205S2 Datasheet
485Kb / 5P
   2 to 6 Watt Isolated DC-DC Converter Single / Dual Output
logo
SynQor Worldwide Headqu...
DQ63312QGL07 SYNQOR-DQ63312QGL07 Datasheet
813Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com