Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE3CA1106-9 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3CA1106-9
Description  RF Cable Assemblies Technical Data Sheet
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3CA1106-9 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3CA1106-9 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3CA1106-9 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3CA1106-9 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3CA1106-9 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Connector 1: SMA Female
• Connector 2: Trimmed Lead
• Cable Type: Tinned 047
Features
100% RF Tested prior to final trim
• 1.35 Max VSWR to 6 GHz
• 100% High Pot Tested to 500V
• .047 Diameter Semi Rigid coax
• Individually packed in protective tube
Applications
• Used as an RF Test Probe to
6GHz
• RF PCB board measurements
• Signal injection
.
Description
These SMA Female to pre-trimmed cables assemblies are designed to be used as convenient test probes. The pre-trimmed
end of the cable assembly has an exposed center conductor and dielectric and is ready for use. A common Research and
development application is to solder the trimmed end of the cable to an exposed microstrip trace to inject a signal or to mea-
sure a signal of interest. Each cable assembly is individually packaged in a reusable protective tube. These test probes have
been 100% RF tested as a two ended assembly prior to trimming in order to verify the assemblies perform to 6 GHz with a
maximum VSWR of 1.35:1. Flush Cutt Test Probes are also available.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
6
GHz
VSWR
1.35:1
Operating Voltage (AC)
500
Vrms
.
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
1
6
GHz
Insertion Loss (Typ.)
0.35
0.6
dB
VSWR (Max.)
1.35:1
1.35:1
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: SMA Female to Trimmed Lead Cable 9 Inch Length Using Tinned 047 Coax, RoHS
PE3CA1106-9
PE3CA1106-9 REV 1.2
Pigtail Test Probe Cable SMA Female to Pre-Trimmed
Lead 9 Inch Length Using PE-SR047TN Coax, RoHS
RF Cable Assemblies Technical Data Sheet
PE3CA1106-9


Similar Part No. - PE3CA1106-9

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3CA1106-12 PASTERNACK-PE3CA1106-12 Datasheet
361Kb / 4P
   RF Cable Assemblies Technical Data Sheet
PE3CA1106-3 PASTERNACK-PE3CA1106-3 Datasheet
361Kb / 4P
   RF Cable Assemblies Technical Data Sheet
PE3CA1106-6 PASTERNACK-PE3CA1106-6 Datasheet
361Kb / 4P
   RF Cable Assemblies Technical Data Sheet
More results

Similar Description - PE3CA1106-9

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C4465-48 PASTERNACK-PE3C4465-48 Datasheet
449Kb / 5P
   RF Cable Assemblies Technical Data Sheet
PE3C4481-6 PASTERNACK-PE3C4481-6 Datasheet
462Kb / 5P
   RF Cable Assemblies Technical Data Sheet
PE3C4485-24 PASTERNACK-PE3C4485-24 Datasheet
465Kb / 5P
   RF Cable Assemblies Technical Data Sheet
PE3C4488 PASTERNACK-PE3C4488 Datasheet
465Kb / 5P
   RF Cable Assemblies Technical Data Sheet
PE3C4488-6 PASTERNACK-PE3C4488-6 Datasheet
466Kb / 5P
   RF Cable Assemblies Technical Data Sheet
PE3CA1037-24 PASTERNACK-PE3CA1037-24 Datasheet
473Kb / 6P
   RF Cable Assemblies Technical Data Sheet
PE3CA1038-12 PASTERNACK-PE3CA1038-12 Datasheet
470Kb / 6P
   RF Cable Assemblies Technical Data Sheet
PE3CA1039-50CM PASTERNACK-PE3CA1039-50CM Datasheet
472Kb / 6P
   RF Cable Assemblies Technical Data Sheet
PE3CA1041-50CM PASTERNACK-PE3CA1041-50CM Datasheet
485Kb / 6P
   RF Cable Assemblies Technical Data Sheet
PE3CA1042-100CM PASTERNACK-PE3CA1042-100CM Datasheet
480Kb / 6P
   RF Cable Assemblies Technical Data Sheet
PE3CA1045-24 PASTERNACK-PE3CA1045-24 Datasheet
459Kb / 6P
   RF Cable Assemblies Technical Data Sheet
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com