Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SI4558DY Datasheet(PDF) 4 Page - Vishay Siliconix

Part No. SI4558DY
Description  N- and P-Channel 30-V (D-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

SI4558DY Datasheet(HTML) 4 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Si4558DY
Vishay Siliconix
www.vishay.com
S FaxBack 408-970-5600
2-4
Document Number: 70633
S-56944—Rev. E, 23-Nov-98
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
N-CHANNEL
Source-Drain Diode Forward Voltage
On-Resistance vs. Gate-to-Source Voltage
Threshold Voltage
Single Pulse Power
Normalized Thermal Transient Impedance, Junction-to-Ambient
Square Wave Pulse Duration (sec)
VSD – Source-to-Drain Voltage (V)
VGS – Gate-to-Source Voltage (V)
TJ – Temperature (_C)
Time (sec)
–0.8
–0.6
–0.4
–0.2
–0.0
0.2
0.4
–50
0
50
100
150
0
0.02
0.04
0.06
0.08
0.10
02468
10
TJ = 150_C
TJ = 25_C
2
1
0.1
0.01
ID = 6 A
ID = 250 mA
0
0.4
10
0.6
0.8
1.0
1.4
1
10–3
10–2
110
30
10–1
10–4
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 52_C/W
3. TJM – TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
0
8
16
24
32
40
0.01
0.1
110
30
Duty Cycle = 0.5
0.2
0.1
0.05
0.02
Single Pulse
30
1.2
0.2


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn