Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT4311A Datasheet(PDF) 3 Page - Texas Instruments

Part # PT4311A
Description  6-W Low-Profile Dual-Output Isolated DC/DC Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4311A Datasheet(HTML) 3 Page - Texas Instruments

  PT4311A Datasheet HTML 1Page - Texas Instruments PT4311A Datasheet HTML 2Page - Texas Instruments PT4311A Datasheet HTML 3Page - Texas Instruments PT4311A Datasheet HTML 4Page - Texas Instruments PT4311A Datasheet HTML 5Page - Texas Instruments PT4311A Datasheet HTML 6Page - Texas Instruments PT4311A Datasheet HTML 7Page - Texas Instruments PT4311A Datasheet HTML 8Page - Texas Instruments PT4311A Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
For technical support or further information, visit http://power.ti.com
PT4310 Series —48V
6-W Low-Profile Dual-Output
Isolated DC/DC Converter
SLTS146B - MARCH 2001 - REVISED MAY 2004
Specifications (Unless otherwise stated, Ta =25°C, Vin =53 V, Cout =0 µF, and Io1 = Io2 =Iotyp)
PT4310 Series
Characteristic
Symbol
Conditions
Min
Typ
Max
Units
Ouput Power
Po(tot)
——6
W
Output Current
Io1, Io2(1)
Over Vin range
PT4311 ( ±5 V)
0.2
(2)
0.6
1
(any one output)
PT4313 (±12 V)
0.05 (2)
0.25
0.45
A
PT4314 (±24 V)
0.02 (2)
0.125
0.125
Io1 +Io2(1)
Over Vin range
PT4311
0.4
1.2
(sum-total from both outputs)
PT4313
0.1
0.5
A
PT4314
0.04
0.25
Input Voltage Range
Vin
Over Io range
38
75
V
Set Point Voltage
Vo1, Vo2(1)
PT4311
4.95
5.05
5.15
PT4313
11.85
12
12.15
V
PT4314
23.28
24
24.72
Temperature Variation
Regtemp
–40 >Ta> +85°C
PT4311
±0.5
PT4313
±1
%V
PT4314
±1
Line Regulation
Regline
Over Vin range
±25
±40
mV
Load Regulation
Regload
Iox =0.6 A, 0.2 A ≤Ioy≤ 0.6 A
PT4311
100
150
Iox =0.25 A, 0.05 A ≤Ioy≤ 0.25 A
PT4313
250
350
mV
Iox =0.125 A, 0.02 A ≤Ioy≤ 0.125 A PT4314
275
500
Total Output Voltage Variation
∆Votot
Over Vin and load range
PT4311, PT4314
±5
%Vo
–40°C >Ta > +85°C
PT4313
±4
No-load Output Voltage
Vo(no-load)
Io1 =Io2 = 0
PT4311
5.4
5.9
PT4313
12.7
17
V
PT4314
24.8
29
Efficiency
η
PT4311
82
PT4313
85
%
PT4314
82
Vo Ripple (pk-pk)
Vr
20 MHz bandwidth
PT4311
50
100
mVpp
PT4313, PT4314
90
150
Transient Response
ttr
20%
≤ Ioy≤ 75% of Iotyp, 25%load step Iox
250
µs
∆Vtr
Vox over/undershoot
PT4311
±75
PT4313
±200
mV
PT4314
±500
Output Voltage Adjust Range
∆±Vo adj
Both outputs adjusted simulatenously
5
%Vo
Current Limit Threshold
ILim
Over Vin range,
PT4311, PT4313
2.5
A
∆Vo=10%Vonom
PT4314
0.4
Short Circuit Current
Isc
PT4311, PT4313
1
A
PT4314
0.25
Inrush Current
Iir
On start-up
0.5
A
tir
—1
—ms
Switching Frequency
ƒo
Over Vin range
400
520
kHz
Under-Voltage Lockout
UVLO
36
V
Remote On/Off (Pin 11)
Referenced to –Vin (pin 17)
Input High Voltage
VIH
5
Open (3)
V
Input Low Voltage
VIL
–0.1
+1
Input Low Cunrrent
IIL
–0.2
mA
Standby Input Current
Iin standby
pins 11 & 17 connected
10
mA
Internal Input Capacitance
Cin
—1
—µF
External Output Capacitance
Cout
Sum-total capacitance, connected from
PT4311
0
120 (4)
both outputs to COM (pin 2)
PT4313
0
47 (4)
µF
PT4314
0
20 (4)
Isolation Voltage
Input - output
1500
V
Capacitance
1100
pF
Resistance
10
——M
Notes:
(1)
Io2 and Vo2 indicates the magnitudes of the negative output parameters. Parameters within vertical brackets are quoted absolute.
(2) The DC/DC converter will operate at no load with reduced specifications. See “No-load Output Voltage” specification.
(3) The Remote On/Off (pin 11) has an internal pull-up. If the pin is left open the module will operate when input power is applied. Refer to the application
notes for interface considerations.
(4) Output capacitors are not required for proper operation. If added, Oscon® or tantalum types are recommended for operation below 0°C ambient.


Similar Part No. - PT4311A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4311A TI1-PT4311A Datasheet
146Kb / 7P
[Old version datasheet]   6-W Low-Profile Dual-Output Isolated DC-DC Converter
More results

Similar Description - PT4311A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4310 TI1-PT4310 Datasheet
146Kb / 7P
[Old version datasheet]   6-W Low-Profile Dual-Output Isolated DC-DC Converter
PT4711 TI-PT4711 Datasheet
337Kb / 13P
[Old version datasheet]   45-W Dual-Output Isolated DC/DC Converter
logo
Bel Fuse Inc.
RDT-6Y BEL-RDT-6Y Datasheet
787Kb / 7P
   6 W Isolated DC-DC Converter
15 December 2022
logo
Texas Instruments
PT4833A TI1-PT4833A Datasheet
760Kb / 33P
[Old version datasheet]   35-W Triple Output Isolated DC/DC Converter
PT4220 TI-PT4220 Datasheet
193Kb / 8P
[Old version datasheet]   10-W Low-Profile 48V-Input Isolated DC/DC Converter
PT4240 TI-PT4240 Datasheet
174Kb / 7P
[Old version datasheet]   10-W Low-Profile 24V-Input Isolated DC/DC Converter
logo
Power Integrations, Inc...
DI-53 POWERINT-DI-53 Datasheet
378Kb / 2P
   50 W DC-DC Dual Output Converter
logo
Bothhand USA, LP.
BP-2405S2 BOTHHAND-BP-2405S2 Datasheet
483Kb / 5P
   2 to 6 Watt Isolated DC-DC Converter Single / Dual Output
BD-1205S2 BOTHHAND-BD-1205S2 Datasheet
485Kb / 5P
   2 to 6 Watt Isolated DC-DC Converter Single / Dual Output
logo
SynQor Worldwide Headqu...
DQ63312QGL07 SYNQOR-DQ63312QGL07 Datasheet
813Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com