Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE3CA1056-12 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE3CA1056-12
Description  TECHNICAL DATA SHEET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3CA1056-12 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE3CA1056-12 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3CA1056-12 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3CA1056-12 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3CA1056-12 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
3
Plotted and Other Data
Notes:
Values at +25 °C, sea level
How to Order
Part Number Configuration:
PE3CA1056
- xx
uu
|
|
|
Unit of Measure:
|
|
cm = Centimeters
|
|
<blank> = Inches
|
Length
|
Base Number
Example:
PE3CA1056-12 = 12 inches long cable
PE3CA1056-100cm = 100 cm long cable
UMCX 2.1 Plug to UMCX 2.1 Plug Cable 12 Inch Length Using 0.81mm Coax, RoHS from Pasternack Enterprises has
same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: UMCX 2.1 Plug to UMCX 2.1 Plug Cable 12 Inch Length Using 0.81mm Coax, RoHS
PE3CA1056-12
URL: http://www.pasternack.com/umcx-2.1-plug-umcx-2.1-plug-0.81mm-cable-assembly-pe3ca1056-12-p.aspx
PE3CA1056-12 REV 1.2
PE3CA1056-12
UMCX 2.1 Plug to UMCX 2.1 Plug Cable 12 Inch
Length Using 0.81mm Coax, RoHS


Similar Part No. - PE3CA1056-12

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3CA1056-6 PASTERNACK-PE3CA1056-6 Datasheet
391Kb / 4P
   TECHNICAL DATA SHEET
PE3CA1056-9 PASTERNACK-PE3CA1056-9 Datasheet
391Kb / 4P
   TECHNICAL DATA SHEET
More results

Similar Description - PE3CA1056-12

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A3595 PASTERNACK-PE15A3595_17 Datasheet
450Kb / 6P
   TECHNICAL DATA SHEET
PE15A3900 PASTERNACK-PE15A3900_17 Datasheet
421Kb / 6P
   TECHNICAL DATA SHEET
PE-020SR PASTERNACK-PE-020SR Datasheet
305Kb / 3P
   TECHNICAL DATA SHEET
PE70A5005 PASTERNACK-PE70A5005 Datasheet
560Kb / 6P
   TECHNICAL DATA SHEET
PE70A5011 PASTERNACK-PE70A5011 Datasheet
561Kb / 6P
   TECHNICAL DATA SHEET
PE70A5012 PASTERNACK-PE70A5012 Datasheet
557Kb / 6P
   TECHNICAL DATA SHEET
PE15A4029 PASTERNACK-PE15A4029 Datasheet
490Kb / 7P
   TECHNICAL DATA SHEET
PE15A4040 PASTERNACK-PE15A4040 Datasheet
442Kb / 6P
   TECHNICAL DATA SHEET
PE15A8007 PASTERNACK-PE15A8007 Datasheet
435Kb / 5P
   TECHNICAL DATA SHEET
PE15A3270 PASTERNACK-PE15A3270 Datasheet
465Kb / 9P
   TECHNICAL DATA SHEET
PE15A3295 PASTERNACK-PE15A3295 Datasheet
447Kb / 6P
   TECHNICAL DATA SHEET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com