Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE3CA1053-9 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3CA1053-9
Description  TECHNICAL DATA SHEET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3CA1053-9 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3CA1053-9 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3CA1053-9 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3CA1053-9 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3CA1053-9 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
Pasternack’s UMCX 2.5 series ultra-miniature coaxial cable assemblies (also called 2.5mm UMCX) have a mated connection
height of only 2.5mm. They are constructed using a flexible micro-coax cable and are compatible with products such as Hirose
U.FL, IPEX MHF and other UMCX connector and cable manufactures. Our UMCX 2.5 plug connectors are comparable in
design to the Hirose U.FL connectors and the IPEX MHF series connectors. Pasternack also provided three additional connec-
tor options for our in-series 0.81mm micro-coax jumper cables including UMCX 2.1, WMCX 1.6 and HMCX32 1.2 connectors.
UMCX 2.5 are available in the following coax types; 0.81mm, 1.13mm, 1.37mm, RG178 and RG178-DS.
These small form factor, flexible micro-coax jumper cables provide a low profile RF connection perfect for board-to-board con-
nectivity such as mini-PCI circuit boards. With performance up to 6 GHz, these UMCX jumper cables are ideal for wireless
applications including Wi-Fi, Bluetooth, GPS, ZigBee, LTE and many others. Our UMCX 2.5 cable assemblies are available
from stock in standard lengths, and custom lengths are available upon request. Standard length UMCX 2.5 cables ship same
day they are ordered.
Features
• 2.5mm mated assembly height
Operate from DC to 6 GHz
100% RF and Continuity tested
Compatible with Hirose U.FL and IPEX MHF products
Small foot print with easy snap on/off mating
Applications
Wireless LAN, Mini PCI
Mobile Antenna/GPS/Radio
Systems
PDA/PCS/Cellular Handset
applications
Wireless Communications
systems ( LAN, GSM, PCS,
WCDMA, UMTS)
Configuration
Connector 1
UMCX 2.5 Plug
Connector 2
UMCX 2.5 Plug
Cable Type
1.37mm
Electrical Specifications
Frequency Range
DC to 6 GHz
Impedance
50 Ohms
Max VSWR
1.55:1
Performance by Frequency
Frequency 1
Frequency
250 MHz
VSWR
1.4:1
Return Loss
15.56 dB
Insertion Loss
0.15 dB
Frequency 2
Frequency
500 MHz
VSWR
1.4:1
Return Loss
15.56 dB
Insertion Loss
0.35 dB
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: UMCX 2.5 Plug to UMCX 2.5 Plug Cable 9 Inch Length Using 1.37mm Coax, RoHS
PE3CA1053-9
PE3CA1053-9 REV 1.0
PE3CA1053-9
UMCX 2.5 Plug to UMCX 2.5 Plug Cable 9 Inch
Length Using 1.37mm Coax, RoHS


Similar Part No. - PE3CA1053-9

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3CA1053-12 PASTERNACK-PE3CA1053-12 Datasheet
389Kb / 4P
   TECHNICAL DATA SHEET
PE3CA1053-6 PASTERNACK-PE3CA1053-6 Datasheet
389Kb / 4P
   TECHNICAL DATA SHEET
More results

Similar Description - PE3CA1053-9

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A3595 PASTERNACK-PE15A3595_17 Datasheet
450Kb / 6P
   TECHNICAL DATA SHEET
PE15A3900 PASTERNACK-PE15A3900_17 Datasheet
421Kb / 6P
   TECHNICAL DATA SHEET
PE-020SR PASTERNACK-PE-020SR Datasheet
305Kb / 3P
   TECHNICAL DATA SHEET
PE70A5005 PASTERNACK-PE70A5005 Datasheet
560Kb / 6P
   TECHNICAL DATA SHEET
PE70A5011 PASTERNACK-PE70A5011 Datasheet
561Kb / 6P
   TECHNICAL DATA SHEET
PE70A5012 PASTERNACK-PE70A5012 Datasheet
557Kb / 6P
   TECHNICAL DATA SHEET
PE15A4029 PASTERNACK-PE15A4029 Datasheet
490Kb / 7P
   TECHNICAL DATA SHEET
PE15A4040 PASTERNACK-PE15A4040 Datasheet
442Kb / 6P
   TECHNICAL DATA SHEET
PE15A8007 PASTERNACK-PE15A8007 Datasheet
435Kb / 5P
   TECHNICAL DATA SHEET
PE15A3270 PASTERNACK-PE15A3270 Datasheet
465Kb / 9P
   TECHNICAL DATA SHEET
PE15A3295 PASTERNACK-PE15A3295 Datasheet
447Kb / 6P
   TECHNICAL DATA SHEET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com