Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE3CA1050-100CM Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PE3CA1050-100CM
Description  RF Cable Assemblies Technical Data Sheet
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3CA1050-100CM Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE3CA1050-100CM Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3CA1050-100CM Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3CA1050-100CM Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3CA1050-100CM Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3CA1050-100CM Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE3CA1050-100CM Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Typical Performance Data
1
1.1
1.2
1.3
1.4
1.5
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
VSWR, dB
Frequency (GHz)
PE3CA1050-100CM VSWR
Maximum
Typical
-3
-2
-1
0
1
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
dB
Frequency (GHz)
PE3CA1050-100CM Insertion Loss (dB)
Maximum
Typical
PE3CA1050-100CM REV 1.1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: N Female Bulkhead to N Male Cable 100 cm Length Using PE-141FLEX Coax, RoHS
PE3CA1050-100CM
RF Cable Assemblies Technical Data Sheet
N Female Bulkhead to N Male Cable 100 cm
Length Using PE-141FLEX Coax, RoHS
PE3CA1050-100CM


Similar Part No. - PE3CA1050-100CM

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3CA1050-12 PASTERNACK-PE3CA1050-12 Datasheet
457Kb / 6P
   RF Cable Assemblies Technical Data Sheet
More results

Similar Description - PE3CA1050-100CM

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C4465-48 PASTERNACK-PE3C4465-48 Datasheet
449Kb / 5P
   RF Cable Assemblies Technical Data Sheet
PE3C4481-6 PASTERNACK-PE3C4481-6 Datasheet
462Kb / 5P
   RF Cable Assemblies Technical Data Sheet
PE3C4485-24 PASTERNACK-PE3C4485-24 Datasheet
465Kb / 5P
   RF Cable Assemblies Technical Data Sheet
PE3C4488 PASTERNACK-PE3C4488 Datasheet
465Kb / 5P
   RF Cable Assemblies Technical Data Sheet
PE3C4488-6 PASTERNACK-PE3C4488-6 Datasheet
466Kb / 5P
   RF Cable Assemblies Technical Data Sheet
PE3CA1037-24 PASTERNACK-PE3CA1037-24 Datasheet
473Kb / 6P
   RF Cable Assemblies Technical Data Sheet
PE3CA1038-12 PASTERNACK-PE3CA1038-12 Datasheet
470Kb / 6P
   RF Cable Assemblies Technical Data Sheet
PE3CA1039-50CM PASTERNACK-PE3CA1039-50CM Datasheet
472Kb / 6P
   RF Cable Assemblies Technical Data Sheet
PE3CA1041-50CM PASTERNACK-PE3CA1041-50CM Datasheet
485Kb / 6P
   RF Cable Assemblies Technical Data Sheet
PE3CA1042-100CM PASTERNACK-PE3CA1042-100CM Datasheet
480Kb / 6P
   RF Cable Assemblies Technical Data Sheet
PE3CA1045-24 PASTERNACK-PE3CA1045-24 Datasheet
459Kb / 6P
   RF Cable Assemblies Technical Data Sheet
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com