Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE34703-72 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE34703-72
Description  75 Ohm Mini SMB Plug to 75 Ohm BNC Male Cable
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE34703-72 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE34703-72 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE34703-72 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE34703-72 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
Configuration
Connector 1
Mini SMB Plug
Connector 2
BNC Male
Cable Type
RG179
Electrical Specifications
Frequency Range
DC to 1,000 MHz
Impedance
75 Ohms
Maximum Operating Voltage
335 Vrms
Typical Performance by Frequency
Frequency 1
Frequency
50 MHz
Frequency 2
Frequency
100 MHz
Frequency 3
Frequency
250 MHz
Frequency 4
Frequency
500 MHz
Frequency 5
Frequency
1000 MHz
Mechanical Specifications
Size
Length
72 in [182.88 cm]
Diameter
0.571 in [14.5 mm]
.
Weight
0.051 lbs [23.13 g]
Cable Color
Tan
Cable
Cable Type
RG179
Inner Conductor Type
Stranded
Cable Inner Conductor
Copper Clad Steel, Silver
No of Shields
1
Dielectric Type
PTFE
Jacket Material
FEP
Jacket Diameter
0.1 in [2.54 mm]
Connector 1
Type
Mini SMB Plug
Configuration
Straight
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price,inventoryandcertifications: 75 Ohm Mini SMB Plug to 75 Ohm BNC Male Cable 72 Inch Length Using 75 Ohm
RG179 Coax PE34703-72
PE34703-72 REV 1
PE34703-72
75 Ohm Mini SMB Plug to 75 Ohm BNC Male Cable
72 Inch Length Using 75 Ohm RG179 Coax


Similar Part No. - PE34703-72

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE34703-12 PASTERNACK-PE34703-12 Datasheet
394Kb / 3P
   75 Ohm Mini SMB Plug to 75 Ohm BNC Male Cable
PE34703-12 PASTERNACK-PE34703-12 Datasheet
394Kb / 3P
   75 Ohm Mini SMB Plug to 75 Ohm BNC Male Cable
PE34703-12 PASTERNACK-PE34703-12 Datasheet
394Kb / 3P
   75 Ohm Mini SMB Plug to 75 Ohm BNC Male Cable
PE34703-12 PASTERNACK-PE34703-12 Datasheet
394Kb / 3P
   75 Ohm Mini SMB Plug to 75 Ohm BNC Male Cable
PE34703-12 PASTERNACK-PE34703-12 Datasheet
394Kb / 3P
   75 Ohm Mini SMB Plug to 75 Ohm BNC Male Cable
More results

Similar Description - PE34703-72

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE34703-36 PASTERNACK-PE34703-36 Datasheet
394Kb / 3P
   75 Ohm Mini SMB Plug to 75 Ohm BNC Male Cable
PE34703-48 PASTERNACK-PE34703-48 Datasheet
394Kb / 3P
   75 Ohm Mini SMB Plug to 75 Ohm BNC Male Cable
PE34703LF-24 PASTERNACK-PE34703LF-24 Datasheet
399Kb / 3P
   75 Ohm Mini SMB Plug to 75 Ohm BNC Male Cable
PE34703LF-48 PASTERNACK-PE34703LF-48 Datasheet
400Kb / 3P
   75 Ohm Mini SMB Plug to 75 Ohm BNC Male Cable
PE34703-12 PASTERNACK-PE34703-12 Datasheet
394Kb / 3P
   75 Ohm Mini SMB Plug to 75 Ohm BNC Male Cable
PE34703-24 PASTERNACK-PE34703-24 Datasheet
394Kb / 3P
   75 Ohm Mini SMB Plug to 75 Ohm BNC Male Cable
PE34703LF-60 PASTERNACK-PE34703LF-60 Datasheet
399Kb / 3P
   75 Ohm Mini SMB Plug to 75 Ohm BNC Male Cable
PE34703LF-72 PASTERNACK-PE34703LF-72 Datasheet
399Kb / 3P
   75 Ohm Mini SMB Plug to 75 Ohm BNC Male Cable
PE34703LF-12 PASTERNACK-PE34703LF-12 Datasheet
399Kb / 3P
   75 Ohm Mini SMB Plug to 75 Ohm BNC Male Cable
PE34703-60 PASTERNACK-PE34703-60 Datasheet
394Kb / 3P
   75 Ohm Mini SMB Plug to 75 Ohm BNC Male Cable
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com