Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC92314 Datasheet(PDF) 63 Page - Motorola, Inc

Part # MC92314
Description  DVB-T Single Chip Demodulator Application Note
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC92314 Datasheet(HTML) 63 Page - Motorola, Inc

Back Button MC92314 Datasheet HTML 59Page - Motorola, Inc MC92314 Datasheet HTML 60Page - Motorola, Inc MC92314 Datasheet HTML 61Page - Motorola, Inc MC92314 Datasheet HTML 62Page - Motorola, Inc MC92314 Datasheet HTML 63Page - Motorola, Inc MC92314 Datasheet HTML 64Page - Motorola, Inc MC92314 Datasheet HTML 65Page - Motorola, Inc MC92314 Datasheet HTML 66Page - Motorola, Inc MC92314 Datasheet HTML 67Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 100 page
background image
DVB-T Demodulator Interfaces
Single Chip DVB-T Demodulator - Rev. 1.3 (11/30/98)
MOTOROLA
4-15
used to set the analog voltage level at the AGC input of the tuner. The format is identical to the
AGC Feedback register described below (12 bit width, 4 MSBs of register 1 are always 0).
The following table summarises the voltage levels after the LPF in relation to the AGCS bit:
4.2.2.1.14 AFC Feedback [1:0] ($30:$2F, R)
These two registers represent the current offset of the internal AFC block inside the available
range (register 0 at address $2F corresponds to the LS byte, register 1 at address $30 to the MS
byte). Values within the available range excluding the edges represent normal operation.
4.2.2.1.15 AGC Feedback [1:0] Register ($34:$33, R)
Similar to the AFC Feedback register these two registers represent the current position of the
AGC control inside the available range (register 0 at address $33 corresponds to the LS byte,
register 1 at address $34 to the MS byte). The number format is 2’s complement and the number
contains 12 valid bits (the 4 MSBs of register 1 are not used, they are always 0).
The AGC voltage levels corresponding to the numbers depend from the value of the AGC Slope
bit AGCS:
Note that for correct operation bit AGCS must reflect the behaviour of the tuner’s AGC circuitry.
Given that this setting is correct and the OFDM block is locked onto the signal the most negative
value corresponds to the minimum gain of the tuner and the most positive value corresponds
to the maximum gain.
4.2.2.1.16 VCXO Fix [1:0] Register ($37:$36, W)
This 2-byte register can be used to set the voltage at the
σδ-output for the VCXO in the tuner,
mainly intended for test purposes, not for normal operation. To use them the FTSE bit must be
set to 0. Afterwards the VCXO Fix register can be used to set the analog voltage level at the
VCXO input of the tuner. Again, the 4 MSBs of register 1 are always 0.
Table 4-6. Voltages after the AGC LPF using the AGC Fix Register
AGC Fix Register Content
AGCS
Voltage Level
-2048 (00001000 00000000)
0
Lowest voltage (near 0 V)
+2047 (00000111 11111111)
0
Highest Voltage (near 3 V)
-2048 (00001000 00000000)
1
Highest Voltage (near 3 V)
+2047 (00000111 11111111)
1
Lowest voltage (near 0 V)
Table 4-7. Voltages according to the AGC Feedback Registers
AGC Feedback Register Content
AGCS
Voltage Level
-2048 (00001000 00000000)
0
Lowest voltage (near 0 V)
+2047 (00000111 11111111)
0
Highest Voltage (near 3 V)
-2048 (00001000 00000000)
1
Highest Voltage (near 3 V)
+2047 (00000111 11111111)
1
Lowest voltage (near 0 V)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC92314

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC92300 MOTOROLA-MC92300 Datasheet
42Kb / 4P
   VITERBI Decoder for Digital TV
MC92300CG MOTOROLA-MC92300CG Datasheet
42Kb / 4P
   VITERBI Decoder for Digital TV
MC92303 MOTOROLA-MC92303 Datasheet
33Kb / 3P
   QPSK/BPSK DIGITAL DEMODULATOR
MC92303BT MOTOROLA-MC92303BT Datasheet
33Kb / 3P
   QPSK/BPSK DIGITAL DEMODULATOR
MC92305 MOTOROLA-MC92305 Datasheet
39Kb / 4P
   16/32/64/128/256 QAM RECEIVER AND REED-SOLOMON DECODER
More results

Similar Description - MC92314

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1968AR SONY-CXD1968AR Datasheet
752Kb / 97P
   DVB-T Demodulator
logo
Skyworks Solutions Inc.
SI2165 SKYWORKS-SI2165 Datasheet
189Kb / 2P
   Multi-Standard DVB-T and DVB-C Demodulator
August 11, 2021
logo
Silicon Laboratories
SI2165 SILABS-SI2165 Datasheet
80Kb / 2P
   Multi-Standard DVB-T and DVB-C Demodulator
SI2180-B60 SILABS-SI2180-B60 Datasheet
247Kb / 2P
   ISDB-T and DVB-T/C Demodulator
logo
Skyworks Solutions Inc.
SI2180-B60 SKYWORKS-SI2180-B60 Datasheet
151Kb / 2P
   ISDB-T and DVB-T/C Demodulator
November 28, 2021
logo
NXP Semiconductors
TDA10046HT PHILIPS-TDA10046HT Datasheet
737Kb / 3P
   Single-chip DVB-T channel
May 2002
logo
Silicon Laboratories
SI21802-B60 SILABS-SI21802-B60 Datasheet
161Kb / 2P
   Dual ISDB-T and DVB-T/C Demodulator
logo
Skyworks Solutions Inc.
SI21802-B60 SKYWORKS-SI21802-B60 Datasheet
146Kb / 2P
   Dual ISDB-T and DVB-T/C Demodulator
August 22, 2021
logo
Silicon Laboratories
SI2168-B40 SILABS-SI2168-B40 Datasheet
141Kb / 2P
   DVB-T2/T/C Digital TV Demodulator
logo
List of Unclassifed Man...
PS20353 ETC2-PS20353 Datasheet
2Mb / 27P
   Nordig Unified DVB-T COFDM Terrestrial Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com