Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS5541 Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS5541
Description  14-Bit, 80MSPS Analog-to-Digital Converter
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS5541 Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button ADS5541 Datasheet HTML 4Page - Burr-Brown (TI) ADS5541 Datasheet HTML 5Page - Burr-Brown (TI) ADS5541 Datasheet HTML 6Page - Burr-Brown (TI) ADS5541 Datasheet HTML 7Page - Burr-Brown (TI) ADS5541 Datasheet HTML 8Page - Burr-Brown (TI) ADS5541 Datasheet HTML 9Page - Burr-Brown (TI) ADS5541 Datasheet HTML 10Page - Burr-Brown (TI) ADS5541 Datasheet HTML 11Page - Burr-Brown (TI) ADS5541 Datasheet HTML 12Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
ADS5542
SBAS308A − MAY 2004 − REVISED MARCH 2005
www.ti.com
8
t
SLOADS
t
WSCLK
t
OS
t
OH
t
WSCLK
t
SCLK
16 x M
MSB
LSB
LSB
MSB
t
SLOADH
SCLK
SEN
SDATA
Figure 4. Serial Programming Interface Timing Diagram
Table 1. Serial Programming Interface Timing Characteristics
SYMBOL
PARAMETER
MIN(1)
TYP(1)
MAX(1)
UNIT
tSCLK
SCLK Period
50
ns
tWSCLK
SCLK Duty Cycle
25
50
75
%
tSLOADS
SEN to SCLK setup time
8
ns
tSLOADH
SCLK to SEN hold time
6
ns
tDS
Data Setup Time
8
ns
tDH
Data Hold Time
6
ns
(1) Typ, min, and max values are characterized, but not production tested.
Table 2. Serial Register Table
A3
A2
A1
A0
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
DESCRIPTION
1
1
1
0
0
TP<1>
TP<0>
0
0
0
0
0
0
0
0
0
TP<1:0> − Test modes for output data capture
TP<1:0> = 00: Normal mode of operation
TP<1:0> = 01: All outputs forced to 0
TP<1:0> = 10: All outputs forced to 1
TP<1:0> = 11: Each output bit toggles between 0 and
1. There is no ensured relationship between the bits
See Note 2
1
1
1
1
PDN
0
0
0
0
0
0
0
0
0
0
0
PDN = 0 : Normal mode of operation, PDN = 1 :
Device is put in power down (low current) mode
(1) All register contents default to zero on reset.
(2) The patterns given are applicable to the straight offset binary output format. If 2’s complement output format is selected, the test mode outputs
will be the 2’s complement equivalent of these patterns.
Table 3. DATA FORMAT SELECT (DFS TABLE)
DFS-PIN VOLTAGE (VDFS)
DATA FORMAT
CLOCK OUTPUT POLARITY
V
DFS t
2
12
AV
DD
Straight Binary
Data valid on rising edge
4
12
AV
DD t VDFS t
5
12
AV
DD
2’s Complement
Data valid on rising edge
7
12
AV
DD t VDFS t
8
12
AV
DD
Straight Binary
Data valid on falling edge
V
DFS u
10
12
AV
DD
2’s Complement
Data valid on falling edge


Similar Part No. - ADS5541

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS5541 BURR-BROWN-ADS5541 Datasheet
274Kb / 20P
   12-Bit, 105MSPS Analog-toDigital Converter
ADS5541 BURR-BROWN-ADS5541 Datasheet
861Kb / 29P
   11-Bit, 125-MSPS Analog-To-Digital Converter
ADS5541 BURR-BROWN-ADS5541 Datasheet
995Kb / 30P
   11-Bit, 125-MSPS Analog-To-Digital Converter
logo
Texas Instruments
ADS5541 TI1-ADS5541 Datasheet
1Mb / 32P
[Old version datasheet]   12-Bit, 80 MSPS Analog-To-Digital Converter
ADS5541 TI1-ADS5541 Datasheet
1Mb / 37P
[Old version datasheet]   14-Bit, 105MSPS Analog-To-Digital Converter
More results

Similar Description - ADS5541

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
5962-9319801HXC-14 DATEL-5962-9319801HXC-14 Datasheet
159Kb / 1P
   14-Bit 5MHz Analog To Digital Converter
5962-9319803HXC-14 DATEL-5962-9319803HXC-14 Datasheet
159Kb / 1P
   14-Bit 5MHz Analog To Digital Converter
logo
Texas Instruments
DAC904 TI1-DAC904 Datasheet
789Kb / 23P
[Old version datasheet]   14-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC904 BURR-BROWN-DAC904 Datasheet
192Kb / 16P
   14-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
HAS-1409 AD-HAS-1409_15 Datasheet
3Mb / 6P
   14 BIT 125KHZ ANALOG TO DIGITAL CONVERTER
logo
Texas Instruments
ADS5541 TI1-ADS5541 Datasheet
1Mb / 37P
[Old version datasheet]   14-Bit, 105MSPS Analog-To-Digital Converter
DAC5675A TI1-DAC5675A Datasheet
1,002Kb / 26P
[Old version datasheet]   14-Bit, 400MSPS Digital-to-Analog Converter
DAC5675IPHP TI1-DAC5675IPHP Datasheet
572Kb / 31P
[Old version datasheet]   14-BIT, 400MSPS DIGITAL-TO ANALOG CONVERTER
logo
DATEL, Inc.
5962-9319801HXA DATEL-5962-9319801HXA Datasheet
170Kb / 1P
   14-Bit 5MHz Analog To Digital Converter
logo
Intronics Power, Inc.
DAS1152 INTRONICS-DAS1152 Datasheet
868Kb / 4P
   14-Bit & 15-Bit Sampling Analog To Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com